Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RP515K103C Datasheet(PDF) 29 Page - Nisshinbo Micro Devices Inc.

Part # RP515K103C
Description  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C Datasheet(HTML) 29 Page - Nisshinbo Micro Devices Inc.

Back Button RP515K103C Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 31Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 32Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
POWER DISSIPATION
DFN(
PL)2527-10
Ver. A
i
The power dissipation of the package is dependent on PCB material, layout, and environmental conditions.
The following measurement conditions are based on JEDEC STD. 51-7.
Measurement Conditions
Item
Measurement Conditions
Environment
Mounting on Board (Wind Velocity = 0 m/s)
Board Material
Glass Cloth Epoxy Plastic (Four-Layer Board)
Board Dimensions
76.2 mm × 114.3 mm × 0.8 mm
Copper Ratio
Outer Layer (First Layer): Less than 95% of 50 mm Square
Inner Layers (Second and Third Layers): Approx. 100% of 50 mm Square
Outer Layer (Fourth Layer): Approx. 100% of 50 mm Square
Through-holes
 0.3 mm × 30 pcs
Measurement Result
(Ta = 25°C, Tjmax = 125°C)
Item
Measurement Result
Power Dissipation
2500 mW
Thermal Resistance (
ja)
ja = 39°C/W
Thermal Characterization Parameter (ψjt)
ψjt = 11°C/W
ja: Junction-to-Ambient Thermal Resistance
ψjt: Junction-to-Top Thermal Characterization Parameter
Power Dissipation vs. Ambient Temperature
Measurement Board Pattern
0
500
1000
1500
2000
2500
3000
0
25
50
75
100
125
Ambient Temperature (
°C)
85
2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com