Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RP515K103C Datasheet(PDF) 7 Page - Nisshinbo Micro Devices Inc.

Part # RP515K103C
Description  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C Datasheet(HTML) 7 Page - Nisshinbo Micro Devices Inc.

Back Button RP515K103C Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
RP515x
No.EA-505-251006
7
ELECTRICAL CHARACTERISTICS
The specifications surrounded by
are guaranteed by design engineering at −40°C ≤ Ta ≤ 85°C.
RP515x Electrical Characteristics: DC/DC Section
(Ta = 25
C)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VOUT
Output voltage
VIN = VCE1 = 3.6 V
(VSET
≤ 2.6 V),
VIN = VCE1 = VSET +1 V
(VSET > 2.6 V)
VSET
≥ 1.2 V x 0.985
x 1.015
V
VSET < 1.2 V −
0.018
+0.018
IQ
Operating quiescent current
VIN = VCE1 = VOUT = 5.5 V,
VSET = 1.8 V at rest
0.3
A
ISTANDBY Standby current
VIN = 5.5 V, VCE1 = 0 V
0.01
1
A
ICE1H
CE1 pin input current, high
VIN = VCE1 = 5.5 V
−0.025
0
0.025
A
ICE1L
CE1 pin input current, low
VIN = 5.5 V, VCE1 = 0 V
−0.025
0
0.025
A
IVOUTH
VOUT pin input current, high(1)
VIN = VOUT = 5.5 V, VCE1 = 0 V
−0.025
0
0.025
A
IVOUTL
VOUT pin input current, low
VIN = 5.5 V, VCE1 = VOUT = 0 V
−0.025
0
0.025
A
RDISN
Auto-discharge NMOS
on-resistance (2)
VIN = 3.6 V, VCE1 = 0 V
60
Ω
VCE1H
CE1 pin input voltage, high
1.8 V
≤ VIN ≤ 5.5 V
1.0
V
VCE1L
CE1 pin input voltage, low
1.8 V
≤ VIN ≤ 5.5 V
0.4
V
RONP
PMOS
on-resistance
RP515Z
VIN = 3.6 V, ILX = −100 mA
0.15
Ω
RP515K
0.19
RONN
NMOS
on-resistance
RP515Z
VIN = 3.6 V, ILX = −100 mA
0.15
Ω
RP515K
0.19
tSTART
Soft-start time
VIN = VCE1 = 3.6 V (VSET ≤ 2.6 V),
VIN = VCE1 = VSET + 1 V (VSET > 2.6 V)
10
ms
ILXLIM
LX current limit
VIN = VCE1 = 3.6 V (VSET ≤ 2.6 V),
VIN = VCE1 = VSET + 1 V (VSET > 2.6 V)
300
580
mA
VUVLOF
Undervoltage lockout
(UVLO) threshold voltage
VIN = VCE1, falling
1.40
1.50
1.65
V
VUVLOR
VIN = VCE1, rising
1.55
1.65
1.80
V
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj ≈ Ta = 25°C).
(1) RP515xxxxC only
(2) RP515xxxxD only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com