Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RP515K103C Datasheet(PDF) 10 Page - Nisshinbo Micro Devices Inc.

Part # RP515K103C
Description  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C Datasheet(HTML) 10 Page - Nisshinbo Micro Devices Inc.

Back Button RP515K103C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
RP515x
No.EA-505-251006
10
TYPICAL APPLICATION CIRCUIT
VOUT
LX
CE1
CE2
BM
Buck (Step-down)
DC/DC Converter
Battery Monitor
VIN
VOUT
VBM
CIN
COUT1
COUT2
Signal
Signal
MCU
VCC
ADC
RP515x
L
22 µF
0.1µF to 0.22 µF
PGND
AGND
PVIN
AVIN
C = Ceramic Capacitor
10 µF
2.2 µH
RP515x Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com