Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RP515K103C Datasheet(PDF) 5 Page - Nisshinbo Micro Devices Inc.

Part # RP515K103C
Description  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C Datasheet(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  RP515K103C Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
RP515x
No.EA-505-251006
5
Top View
Bottom View
1
RP515K [DFN(PL)2570-10] Pin Configuration
RP515K Pin Description
Pin No.
Symbol
Description
1
VOUT
DC/DC Output Pin
2
AGND
Analog Ground Pin
3
PGND
Power Ground Pin
4
LX
Switching Pin
5
LX
Switching Pin
6
PVIN
Input Pin for Power Supply
7
AVIN
Input Pin for Analog Power Supply (also for Battery Monitor)
8
CE1
DC/DC Enable Pin (Active-high)
9
CE2
Battery Monitor Enable Pin (Active-high)
10
BM
Battery Monitor Output Pin
(1) The tab on the bottom of the package is substrate level (GND). It is recommended that the tab be connected to
the ground plane on the board, but it is possible to leave the tab floating.
1
2
3
4
5
6
7
8
9
10
5
4
3
2
1
10
9
8
7
6
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com