Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RP515K103C Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # RP515K103C
Description  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  RP515K103C Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RP515x Series
Ultra-low Power Consumption 300 mA Buck DC/DC Converter
with Battery Monitor
No.EA-505-251006
1
The RP515x is a buck DC/DC converter with a Battery Monitor (BM) featuring ultra-low current and low-
voltage resistance. The battery monitor divides the input voltage (VIN) into 1/3 or 1/4, and directly provides
the MCU’s built-in low voltage AD converter with buffered voltage without external circuits.
● Ultra-low consumption current (IQ:0.3 μA ) with the VFM control for DC/DC (switching frequency: 1 MHz max.)
● High efficiency under light load conditions
● Reducing components and space by combining DC/DC and BM into a single chip
● Suitable for coin batteries and USB ports due to its wide input voltage range from 1.8 V to 5.5 V
DC/DC Section
● Supply Current: Typ. 0.3 μA
● Output Current: 300 mA
● Input Voltage Range: 1.8 V to 5.5 V
● Output Voltage Range : 1.0 V to 4.0 V
● Output Voltage Accuracy: ±1.5%
Battery Monitor Section
● Output Voltage: VIN /3 (RP515xxx3x)
VIN /4 (RP515xxx4x)
● Supply Current: Typ. 0.1 μA
WLCSP-9-P2
1.45 x 1.48 x 0.36 (mm)
DFN(PL)2527-10
2.7 x 2.5 x 0.6 (mm)
•
VOUT
LX
CE1
CE2
BM
Buck (Step-down)
DC/DC Converter
Battery Monitor
VIN
VOUT
VBM
CIN
COUT1
COUT2
Signal
Signal
MCU
VCC
ADC
RP515x
L
22 µF
0.1µF to 0.22 µF
PGND
AGND
PVIN
AVIN
C = Ceramic Capacitor
10 µF
2.2 µH
● Coin cell-used equipment and Li-ion battery-used equipment
● Wearable devices such as SmartWatch, SmartBand and Health monitoring
● Low Power RF Modules such as Bluetooth® LE, Zigbee, WiSun and ANT
● Low Power CPU, Memory, Sensor device and Energy Harvester
APPLICATIONS
OVERVIEW
KEY BENEFITS
TYPICAL APPLICATIONS
KEY SPECIFICATIONS
PACKAGES


Similar Part No. - RP515K103C

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP510L NISSHINBO-RP510L Datasheet
1Mb / 31P
4 A Forced PWM Step-down DC/DC Converter with Synchronous Rectifier
RP510L-Y NISSHINBO-RP510L-Y Datasheet
1Mb / 31P
4 A Forced PWM Step-down DC/DC Converter with Synchronous Rectifier for Industrial Applications
RP510L001J NISSHINBO-RP510L001J Datasheet
1Mb / 31P
4 A Forced PWM Step-down DC/DC Converter with Synchronous Rectifier for Industrial Applications
RP510L001J NISSHINBO-RP510L001J Datasheet
1Mb / 31P
4 A Forced PWM Step-down DC/DC Converter with Synchronous Rectifier
RP510L001N NISSHINBO-RP510L001N Datasheet
1Mb / 31P
4 A Forced PWM Step-down DC/DC Converter with Synchronous Rectifier for Industrial Applications
More results

Similar Description - RP515K103C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
Micropower High Power DC/DC Converter with Low-Battery Detector
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417 Datasheet
128Kb / 16P
200 mA DC-DC Step-up Converter with Dual Low Battery Protection
April, 2002 ??Rev. 1
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
logo
Enpirion, Inc.
EP53F8QI ENPIRION-EP53F8QI Datasheet
265Kb / 11P
1500 mA Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Linear Technology
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
Micropower High Power DC/DC Converter with Low-Battery Detector
logo
Texas Instruments
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
NXP Semiconductors
DC6M40YX6 NXP-DC6M40YX6 Datasheet
486Kb / 23P
6 MHz, 425 mA, ultra small DC-to-DC buck converter
Rev. 1-8 February 2013
DC6M50YX6 NXP-DC6M50YX6 Datasheet
507Kb / 25P
6 MHz, 500 mA, ultra small DC-to-DC buck converter
Rev. 1-13 February 2013
DC6M60XX6 NXP-DC6M60XX6 Datasheet
507Kb / 26P
6 MHz, 650 mA, ultra small DC-to-DC buck converter
Rev. 2-29 January 2013
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com