Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RP515K103C Datasheet(PDF) 6 Page - Nisshinbo Micro Devices Inc.

Part # RP515K103C
Description  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C Datasheet(HTML) 6 Page - Nisshinbo Micro Devices Inc.

Back Button RP515K103C Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
RP515x
No.EA-505-251006
6
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
Input Voltage for AVIN and PVIN Pins
−0.3 to 6.5
V
VCE1
CE1 Pin Voltage
−0.3 to 6.5
V
VCE2
CE2 Pin Voltage
−0.3 to 6.5
V
VOUT
Output Pin Voltage
−0.3 to VIN + 0.3
V
VBM
BM Pin Voltage
−0.3 to VIN + 0.3
V
ILX
LX Pin Output Current
650
mA
PD
Power Dissipation (1)
(JEDEC STD. 51)
WLCSP-9-P2
1090
mW
DFN(PL)2527-10
2500
Tj
Junction Temperature Range
−40 to 125
°C
Tstg
Storage Temperature Range
−55 to 125
°C
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause permanent damage
and may degrade the life time and safety for both device and system using the device in the field. The functional
operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
RP515xxx3x
1.8 to 5.5
V
RP515xxx4x
2.4 to 5.5
Ta
Operating Temperature
−40 to 85
°C
RECOMMENDED OPERATING CONDITIONS
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the recommended
operating conditions, even if they are used over such conditions by momentary electronic noise or surge. And the
semiconductor devices may receive serious damage when they continue to operate over the recommended operating
conditions.
(1) Refer to POWEWR DISSIPATION for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com