Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 119Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 120Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 121Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 122Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 123Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 124Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 125Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 126Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 123 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.4.7.9
SCI
Note 1. tPBcyc: PCLKB cycle; tPAcyc: PCLKA cycle
Table 2.36
SCIk, SCIh, and SCIm Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit*1
Test
Conditions
SCIk, SCIh Input clock cycle
Asynchronous
tScyc
4
—
tPBcyc Figure 2.47
Clock
synchronous
6—
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—5
ns
Input clock fall time
tSCKf
—5
ns
Output clock cycle
Asynchronous
(SCIk)
tScyc
6—
tPBcyc
Asynchronous
(SCIh)
8—
Clock
synchronous
4—
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
—5
ns
Output clock fall time
tSCKf
—5
ns
Transmit data delay time
Clock
synchronous
tTXD
—
28
ns
Figure 2.48
Receive data setup time
Clock
synchronous
tRXS
15
—
ns
Receive data hold time
Clock
synchronous
tRXH
5—
ns
SCIm
Input clock cycle
Asynchronous
tScyc
4—
tPAcyc Figure 2.47
Clock
synchronous
6—
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—5
ns
Input clock fall time
tSCKf
—5
ns
Output clock cycle
Asynchronous
tScyc
6—
tPAcyc
Clock
synchronous
4—
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
—5
ns
Output clock fall time
tSCKf
—5
ns
Transmit data delay time
Master
tTXD
—
15
ns
Figure 2.48
Slave
—
28
Receive data setup time
Clock
synchronous
tRXS
20
—
ns
Receive data hold time
Clock
synchronous
tRXH
5—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com