Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 122Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 123Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 124Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 125Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 126Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 127Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 128Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 129Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 126 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note:
tPcyc refers to the period of PCLKA in SCI10 and SCI11, and of PCLKB in SCI0 to SCI9, and SCI12.
Figure 2.50
Simple SPI Clock Timing
Table 2.38
Simple SPI Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Simple
SPI
SCK clock cycle output (master)
tSPcyc
4—
tPcyc
Figure 2.50
SCK clock cycle input (slave)
6
—
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise/fall time
tSPCKr, tSPCKf
—20
ns
Data input setup time
tSU
33.3
—
ns
Figure 2.51 to
Figure 2.54
Data input hold time
tH
33.3
—
ns
SS input setup time
tLEAD
1—
tSPcyc
SS input hold time
tLAG
1—
tSPcyc
Data output delay time
tOD
—
33.3
ns
Data output hold time
tOH
–10
—
ns
Data rise/fall time
tDr, tDf
—
16.6
ns
SS input rise/fall time
tSSLr, tSSLf
—
16.6
ns
Slave access time
tSA
—5
tPcyc
Figure 2.53,
Figure 2.54
Slave output release time
tREL
—5
tPcyc
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
(n = 0 to 12)
SCKn output
(master)
SCKn input
(slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com