Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 152Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 153Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 154Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 155Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 156Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 157Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 158Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 159Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 156 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.7
Temperature Sensor Characteristics
Note 1. Set the S12AD1.ADSSTRT register such that the sampling time of the 12-bit A/D converter satisfies this specification.
2.8
CTSU Characteristics
Note 1. Total sum of IOH of the pins other than TSCAP, and TS0 to TS16
Note 2. In the mutual capacitance method, when the amount of current output from the I/O pins other than those of the CTSU is
relatively large, the VCC voltage largely drops, affecting measurement by the CTSU. Accordingly, the total sum of IOH of the
other pins should be no more than the listed value when the CTSU is in use.
Table 2.55
A/D Internal Reference Voltage Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKB = PCLKD = 60 MHz, Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test Conditions
A/D internal reference voltage
1.13
1.18
1.23
V
Table 2.56
Temperature Sensor Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
—
±1
—
°C
Temperature slope
—
4
—
mV/°C
Output voltage
—
1.21
—
V
Ta = 25°C
Temperature sensor start time
—
—
30
µs
Sampling time*1
4.15
—
—
µs
Table 2.57
CTSU Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
External capacitance connected to TSCAP pin
Ctscap
910
11
nF
TS pin capacitive load
Cbase
——
50
pF
Total sum of the high-level output current*1
ΣIOH
—
—
–40*2
mA
The mutual
capacitance method
is in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com