Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 149Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 150Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 151Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 152Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 153Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 154Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 155Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 156Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 153 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.5
USB Characteristics
Figure 2.89
DP and DM Output Timing (Low Speed)
Figure 2.90
Test Circuit (Low Speed)
Table 2.51
On-Chip USB Low Speed (Host Only) Characteristics (DP and DM Pin Characteristics)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 3.0 to 3.6 V, 3.0 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
UCLK = 48 MHz,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input
characteristics
Input high level voltage
VIH
2.0
—
—
V
Input low level voltage
VIL
——
0.8
V
Differential input sensitivity
VDI
0.2
—
—
V
| DP – DM |
Differential common mode range
VCM
0.8
—
2.5
V
Output
characteristics
Output high level voltage
VOH
2.8
—
3.6
V
IOH = –200 µA
Output low level voltage
VOL
0.0
—
0.3
V
IOL = 2 mA
Cross-over voltage
VCRS
1.3
—
2.0
V
Figure 2.89
Rise time
tLR
75
—
300
ns
Fall time
tLF
75
—
300
ns
Rise/fall time ratio
tLR / tLF
80
—
125
%
tLR/ tLF
Pull-down
characteristics
DP/DM pull-down resistance
(when the host controller function is
selected)
Rpd
14.25
—
24.80
kΩ
DP, DM
tLF
tLR
90%
10%
10%
90%
VCRS
Observation
point
200 pF to
600 pF
dp
dm
200 pF to
600 pF
1.5 k
3.6 V
27
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com