Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 145Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 146Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 147Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 148Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 149Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 150Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 151Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 152Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 149 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.4.7.16
RIICHS
Table 2.48
RIICHS Timing (1)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr
Item
Symbol
Min.*1
Max.
Unit
Test
Conditions
RIICHS
(Standard-mode,
SMBus)
ICFER.FMPE = 0
SCLHS input cycle time
tSCL
10(18) × tIICcyc + 1300
—
ns
Figure 2.86
SCLHS input high pulse width
tSCLH
5(9) × tIICcyc + 300
—
ns
SCLHS input low pulse width
tSCLL
5(9) × tIICcyc + 300
—
ns
SCLHS, SDAHS input rise time
tSr
—
1000
ns
SCLHS, SDAHS input fall time
tSf
—
300
ns
SCLHS, SDAHS input spike pulse
removal time
tSP
01(4) × tIICcyc
ns
SDAHS input bus free time
tBUF
5(9) × tIICcyc + 300
—
ns
START condition input hold time
tSTAH
tIICcyc + 300
—
ns
Repeated START condition input setup time
tSTAS
1000
—
ns
STOP condition input setup time
tSTOS
1000
—
ns
Data input setup time
tSDAS
tIICcyc + 50
—
ns
Data input hold time
tSDAH
0—
ns
SCLHS, SDAHS capacitive load
Cb*2
—
400
pF
RIICHS
(Fast-mode)
ICFER.FMPE = 0
SCLHS input cycle time
tSCL
10(18) × tIICcyc + 600
—
ns
SCLHS input high pulse width
tSCLH
5(9) × tIICcyc + 300
—
ns
SCLHS input low pulse width
tSCLL
5(9) × tIICcyc + 300
—
ns
SCLHS, SDAHS input rise time
tSr
20 × (External pull-up
voltage/5.5V)
300
ns
SCLHS, SDAHS input fall time
tSf
20 × (External pull-up
voltage/5.5V)
300
ns
SCLHS, SDAHS input spike pulse
removal time
tSP
01(4) × tIICcyc
ns
SDAHS input bus free time
tBUF
5(9) × tIICcyc + 300
—
ns
START condition input hold time
tSTAH
tIICcyc + 300
—
ns
Repeated START condition input setup time
tSTAS
300
—
ns
STOP condition input setup time
tSTOS
300
—
ns
Data input setup time
tSDAS
tIICcyc + 50
—
ns
Data input hold time
tSDAH
0—
ns
SCLHS, SDAHS capacitive load
Cb*2
—
400
pF
RIICHS
(Fast-mode+)
ICFER.FMPE = 1
SCLHS input cycle time
tSCL
10(18) × tIICcyc + 240
—
ns
SCLHS input high pulse width
tSCLH
5(9) × tIICcyc + 120
—
ns
SCLHS input low pulse width
tSCLL
5(9) × tIICcyc + 120
—
ns
SCLHS, SDAHS input rise time
tSr
—
120
ns
SCLHS, SDAHS input fall time
tSf
—
120
ns
SCLHS, SDAHS input spike pulse
removal time
tSP
01(4) × tIICcyc
ns
SDAHS input bus free time
tBUF
5(9) × tIICcyc + 120
—
ns
START condition input hold time
tSTAH
tIICcyc + 120
—
ns
Repeated START condition input setup time
tSTAS
120
—
ns
STOP condition input setup time
tSTOS
120
—
ns
Data input setup time
tSDAS
tIICcyc + 20
—
ns
Data input hold time
tSDAH
0—
ns
SCLHS, SDAHS capacitive load
Cb*2
—
550
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com