Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 147Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 148Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 149Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 150Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 151Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 152Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 153Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 154Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 151 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note:
tIICcyc: RIICHS internal reference clock (IICφ) cycle
Note 1. The value within parentheses is applicable when the value of the ICICR.NF[3:0] bits is 0011b while the digital filter is enabled by
the setting ICICR.NFE = 1. Note that, in Hs-mode, the lower-order 2 bits of the NF[3:0] bits are ignored and the number of
stages in the digital filter is single.
Note 2. Cb is the total capacitance of the bus lines.
Figure 2.87
RIICHS Bus Interface Input/Output Timing (Hs-mode)
RIICHS
(Hs-mode)
ICFER.HSME
= 1
SCLHS output minimum high
pulse width
Cb = 400pF tSCLH(min)
—
120
233
ns Figure 2.87
Cb = 100pF
—
60
150
SCLHS output minimum low
pulse width
Cb = 400pF tSCLL(min)
—
—
320
ns
Cb = 100pF
—
—
160
Table 2.49
RIICHS Timing (2) (2/2)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr
Item
Symbol
Min.*1
Typ.
Max.
Unit
Test
Conditions
SDAHS0
SCLHS0
Sr
tSfDA
tSrDA
tSTAH
tSTAS
tSDAH
tSDAS
tSTOS
tSfCL
tSCLH
tSCLH
tSCLL
tSCLL
tSrCL
0.3 × VCC
= MCS current source pull-up
= Rp resistor pull-up
Sr
P
0.7 × VCC
0.3 × VCC
0.7 × VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com