Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 166Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 167Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 168Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 169Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 170Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 171Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 172Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 173Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 170 of 179
Sep 30, 2024
RX671 Group
Appendix 1. Package Dimensions
Figure B 145-Pin TFLGA (PTLG0145KB-A)
E1
e
E
B
aaa(4X) C
A
C
ddd C
ccc C
Øb(nX)
eee
C A B
fff
C
Reference
Symbol
Dimension in Millimeters
Min.
Nom.
Max.
D
7.00
E
7.00
D1
E1
A
1.01
b
0.25
e
0.50
aaa
0.10
ccc
0.10
ddd
0.08
eee
0.08
fff
0.05
n
145
JEITA Package code
RENESAS code
MASS(TYP.)[g]
0.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com