Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 165Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 166Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 167Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 168Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 169Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 170Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 171Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 172Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 169 of 179
Sep 30, 2024
RX671 Group
Appendix 1. Package Dimensions
Appendix 1. Package Dimensions
Information on the latest version of the package dimensions or mountings has been displayed in “Packages” on Renesas
Electronics Corporation website.
Figure A 145-Pin TFLGA (PTLG0145JC-A)
E1
e
eee
C A B
fff
C
E
B
aaa(4X) C
C
ddd C
Øb(nX)
ccc C
A
Reference
Symbol
Dimension in Millimeters
Min.
Nom.
Max.
D
9.00
E
9.00
D1
E1
A
1.01
b
0.35
e
0.65
aaa
0.10
ccc
0.10
ddd
0.10
eee
0.08
fff
0.08
n
145
JEITA Package code
RENESAS code
MASS(TYP.)[g]
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com