Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSQTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 45Page - STMicroelectronics S2-LPSQTR Datasheet HTML 46Page - STMicroelectronics S2-LPSQTR Datasheet HTML 47Page - STMicroelectronics S2-LPSQTR Datasheet HTML 48Page - STMicroelectronics S2-LPSQTR Datasheet HTML 49Page - STMicroelectronics S2-LPSQTR Datasheet HTML 50Page - STMicroelectronics S2-LPSQTR Datasheet HTML 51Page - STMicroelectronics S2-LPSQTR Datasheet HTML 52Page - STMicroelectronics S2-LPSQTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
CHFLT
13
23
7:4
CHFLT_M
The mantissa value
of the receiver
channel filter (see
Table 37. Channel
filter words).
3:0
CHFLT_E
The exponent value
of the receiver
channel filter (see
Table 37. Channel
filter words).
AFC2
14
C8
7
AFC_FREEZE_ON_S
YNC
1: enable the freeze
AFC correction upon
sync word detection.
6
AFC_ENABLED
1: enable the AFC
correction.
5
AFC_MODE
Select AFC mode:
0: AFC loop closed on
slicer
1: AFC loop closed
on second conversion
stage.
4:0
RESERVED
-
AFC1
15
18
7:0
AFC_FAST_PERIOD
The length of the AFC
fast period.
AFC0
16
25
7:4
AFC_FAST_GAIN
The AFC loop gain in
fast mode (2's log).
3:0
AFC_SLOW_GAIN
The AFC loop gain in
slow mode (2's log).
RSSI_FLT
17
E3
7:4
RSSI_FLT
Gain of the RSSI filter.
3:2
CS_MODE
Carrier sense mode:
•
00b: Static CS
•
01b: Dynamic
CS with 6dB
dynamic
threshold
•
10b: Dynamic
CS with 12dB
dynamic
threshold
•
11b: Dynamic
CS with 18dB
dynamic
threshold.
(see
Section 4.4.5.8.2 Car
rier sense)
1:0
RESERVED
-
RSSI_TH
18
28
7:0
RSSI_TH
Signal detect
threshold in 1 dB
steps. The RSSI_TH
can be converted in
dBm using the formula
RSSI_TH-146.
AGCCTRL4
1A
54
7:4
LOW_THRESHOLD_0
Low threshold 0 for
the AGC
S2-LPS
Register contents
DS13831 - Rev 1
page 49/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com