Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSQTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 18Page - STMicroelectronics S2-LPSQTR Datasheet HTML 19Page - STMicroelectronics S2-LPSQTR Datasheet HTML 20Page - STMicroelectronics S2-LPSQTR Datasheet HTML 21Page - STMicroelectronics S2-LPSQTR Datasheet HTML 22Page - STMicroelectronics S2-LPSQTR Datasheet HTML 23Page - STMicroelectronics S2-LPSQTR Datasheet HTML 24Page - STMicroelectronics S2-LPSQTR Datasheet HTML 25Page - STMicroelectronics S2-LPSQTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
Table 31. Resolution frequency
fxo [MHz]
High band resolution [Hz]
Low band resolution [Hz]
26
12.4
6.2
The fc is the frequency related to the channel specified. RF channels can be defined using the CHSPACE and
CHNUM registers. In this way, it is possible to change faster the channel by changing just an 8-bits register,
allowing the setting of 256 channels and frequency-hopping sequences. The actual channel spacing is from 793
Hz to 202342 Hz in 793 Hz steps for the 26 MHz configuration and from 1587 to 404685 Hz in 1587 Hz steps for
the 52 MHz configuration.
Table 32. Channel spacing resolution
fxo [MHz]
Channel spacing resolution [Hz]
26
793.45
4.4
Digital modulator
The S2-LPS supports frequency modulation: 2-FSK, 4-FSK, 2-GFSK, 4-GFSK as well amplitude modulation OOK
and ASK. Using register, the user can also program an unmodulated carrier for lab test and measurement.
A special mode, direct polar modulation, allows building specific modulation scheme controlling directly the
amplitude and the frequency of the carrier synthesized. The register MOD_TYPE is used to select one of the
following modulation scheme.
Table 33. Modulation scheme
MOD_TYPE
Modulation scheme
0000b
2-FSK
0001b
4-FSK
0010b
2-GFSK
0011b
4-GFSK
0101b
ASK/OOK
0110b
Direct polar (TX only)
0111b
CW
4.4.1
Frequency modulation
For frequency modulation 2-(G)FSK and 4-(G)FSK the frequency deviation can be tuned in wide range that
depends on
fxo(XTALfrequency)accordingthefollowingformula:
Frequency deviation
fdev=
fXO219·roundD·FDEV_M·B8
D·B                                           if FDEV_E=0
fXO219·roundD·256+FDEV_M·2FDEV_E−1·B8
D·B
     if FDEV_E >0  
(9)
Where
fxoistheXTALoscillationfrequency,DisthereferencedividerandBisthebandselector.
The frequency deviation programmed corresponds to the deviation of the outer constellation symbols. The
deviation of the inner symbols is 1/3 of such programmed values, as reported in the table below, where 4 options
are available.
Furthermore, since the payload is normally arranged in bytes, the arrangement can change the mapping for both
2-(G)FSK and 4-(G)FSK modulations, by using the CONST_MAP (register MOD1), in the following way:
S2-LPS
Digital modulator
DS13831 - Rev 1
page 22/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com