Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSQTR Datasheet(PDF) 59 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 55Page - STMicroelectronics S2-LPSQTR Datasheet HTML 56Page - STMicroelectronics S2-LPSQTR Datasheet HTML 57Page - STMicroelectronics S2-LPSQTR Datasheet HTML 58Page - STMicroelectronics S2-LPSQTR Datasheet HTML 59Page - STMicroelectronics S2-LPSQTR Datasheet HTML 60Page - STMicroelectronics S2-LPSQTR Datasheet HTML 61Page - STMicroelectronics S2-LPSQTR Datasheet HTML 62Page - STMicroelectronics S2-LPSQTR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
PM_CONF2
77
00
7:0
KRM[7:0]
Sets the divider
ratio (LSB) of the
rate multiplier (default:
Fsw=Fdig/4)
PM_CONF1
78
39
7
RESERVED
-
6
BATTERY_LVL_EN
1: enable battery level
detector circuit.
5:4
SET_BLD_TH
Set the BLD threshold:
•
00b: 2.7 V
•
01b: 2.5 V
•
10b: 2.3 V
•
11b: 2.1 V.
3
SMPS_LVL_MODE
•
0: SMPS output
level depends
upon the value
written in the
PM_CONFIG0
register
(SET_SMPS_LE
VEL field) both
in RX and TX
state.
•
1: SMPS output
level depends
upon the value
in PM_CONFIG
register just in
TX state, while
in RX state it is
fixed to 1.4 V
2
BYPASS_LDO
Set to 0 (default value)
1:0
RESERVED
-
PM_CONF0
79
42
7
RESERVED
-
6:4
SET_SMPS_LVL
SMPS output voltage:
•
000b: not used
•
001b: 1.2 V
•
010b: 1.3 V
•
011b: 1.4 V
•
100b: 1.5 V
•
101b: 1.6 V
•
110b: 1.7 V
•
111b: 1.8 V
3:1
RESERVED
-
0
SLEEP_MODE_SEL
•
0: SLEEP
without FIFO
retention
(SLEEP A)
•
1: SLEEP with
FIFO retention
(SLEEP B).
MC_STATE1
8D
52
7:5
RESERVED
-
4
RCO_CAL_OK
RCO calibration
successfully
terminated.
S2-LPS
Register contents
DS13831 - Rev 1
page 59/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com