Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSQTR Datasheet(PDF) 56 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 56 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 52Page - STMicroelectronics S2-LPSQTR Datasheet HTML 53Page - STMicroelectronics S2-LPSQTR Datasheet HTML 54Page - STMicroelectronics S2-LPSQTR Datasheet HTML 55Page - STMicroelectronics S2-LPSQTR Datasheet HTML 56Page - STMicroelectronics S2-LPSQTR Datasheet HTML 57Page - STMicroelectronics S2-LPSQTR Datasheet HTML 58Page - STMicroelectronics S2-LPSQTR Datasheet HTML 59Page - STMicroelectronics S2-LPSQTR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
PA_POWER5
5D
24
6:0
PA_LEVEL_5
Output power level for
5th slot.
PA_POWER4
5E
30
7
RESERVED
-
6:0
PA_LEVEL_4
Output power level for
4th slot.
PA_POWER3
5F
48
7
RESERVED
-
6:0
PA_LEVEL_3
Output power level for
3rd slot.
PA_POWER2
60
60
7
RESERVED
-
6:0
PA_LEVEL_2
Output power level for
2nd slot.
PA_POWER1
61
00
7
RESERVED
-
6:0
PA_LEVEL_1
Output power level for
1st slot.
PA_POWER0
62
47
7
DIG_SMOOTH_EN
1: enable the
generation of the
internal signal
TX_DATA which is
the input of the
FIR. Needed when
FIR_EN=1.
6
PA_MAXDBM
1: configure the PA to
send maximum output
power. Power ramping
is disable with this bit
set to 1.
5
PA_RAMP_EN
1: enable the power
ramping.
4:3
PA_RAMP_STEP_LE
N
Set the step width
(unit: 1/8 of bit period).
2:0
PA_LEVEL_MAX_IDX
Final level for power
ramping or selected
output power index.
PA_CONFIG1
63
03
7:4
RESERVED
-
3:2
FIR_CFG
FIR configuration:
•
00b: filtering
•
01b: ramping
•
10b: switching
(see
Section 4.4.2.1
OOK
smoothing)
1
FIR_EN
1: enable FIR (see
Section 4.4.2.1 OOK
smoothing)
0
RESERVED
-
PA_CONFIG0
64
8A
7:4
PA_DEGEN_TRIM
11xx ® code
threshold: 485
10xx ® code
threshold: 465
01xx ® code
threshold: 439
S2-LPS
Register contents
DS13831 - Rev 1
page 56/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com