Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSQTR Datasheet(PDF) 60 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 56Page - STMicroelectronics S2-LPSQTR Datasheet HTML 57Page - STMicroelectronics S2-LPSQTR Datasheet HTML 58Page - STMicroelectronics S2-LPSQTR Datasheet HTML 59Page - STMicroelectronics S2-LPSQTR Datasheet HTML 60Page - STMicroelectronics S2-LPSQTR Datasheet HTML 61Page - STMicroelectronics S2-LPSQTR Datasheet HTML 62Page - STMicroelectronics S2-LPSQTR Datasheet HTML 63Page - STMicroelectronics S2-LPSQTR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
MC_STATE1
8D
52
3
ANT_SEL
Currently selected
antenna.
2
TX_FIFO_FULL
1: TX FIFO is full.
1
RX_FIFO_EMPTY
1: RX FIFO is empty.
0
ERROR_LOCK
1: RCO calibrator
error.
MC_STATE0
8E
07
7:1
STATE
Current state.
0
XO_ON
1: XO is operating.
TX_FIFO_STATUS
8F
00
7:0
NELEM_TXFIFO
Number of elements in
TX FIFO.
RX_FIFO_STATUS
90
00
7:0
NELEM_RXFIFO
Number of elements in
RX FIFO.
RCO_CALIBR_OUT4
94
70
7:4
RWT_OUT
RWT word from
internal RCO
calibrator.
3:0
RFB_OUT[4:1]
RFB word (MSB)
from internal RCO
calibrator.
RCO_CALIBR_OUT3
95
00
7
RFB_OUT[0]
RF word (LSB)
from internal RCO
calibrator.
6:0
RESERVED
-
VCO_CALIBR_OUT1
99
00
7:4
RESERVED
-
3:0
VCO_CAL_AMP_OUT
VCO magnitude
calibration output
word (binary coding
internally converted
from thermometric
coding).
VCO_CALIBROUT0
9A
00
7
RESERVED
-
6:0
VCO_CAL_FREQ_OU
T
VCO Cbank frequency
calibration output
word (binary coding
internally converted
from thermometric
coding).
TX_PCKT_INFO
9C
00
7:6
RESERVED
-
5:4
TX_SEQ_NUM
Current TX packet
sequence number.
3:0
N_RETX
Number of re-
transmissions done for
the last TX packet.
RX_PCKT_INFO
9D
00
7:3
RESERVED
-
2
NACK_RX
NACK field of the
received packet.
1:0
RX_SEQ_NUM
Sequence number of
the received packet.
AFC_CORR
9E
00
7:0
AFC_CORR
AFC corrected value.
LINK_QUALIF2
9F
00
7:0
PQI
PQI value of the
received packet.
S2-LPS
Register contents
DS13831 - Rev 1
page 60/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com