Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSQTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 11Page - STMicroelectronics S2-LPSQTR Datasheet HTML 12Page - STMicroelectronics S2-LPSQTR Datasheet HTML 13Page - STMicroelectronics S2-LPSQTR Datasheet HTML 14Page - STMicroelectronics S2-LPSQTR Datasheet HTML 15Page - STMicroelectronics S2-LPSQTR Datasheet HTML 16Page - STMicroelectronics S2-LPSQTR Datasheet HTML 17Page - STMicroelectronics S2-LPSQTR Datasheet HTML 18Page - STMicroelectronics S2-LPSQTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
3.8.4
Sensitivity at 840-868 MHz
Table 20. Sensitivity at 840-868 MHz
Parameter
Test conditions
HPM/LPM/SMPS on typ.
Unit
Sensitivity
1% BER @ 2-GFSK BT = 0.5
DR = 38.4 kbps, FDEV = 20 kHz, CHF = 100 kHz
-109
dBm
Sensitivity
1% BER @ OOK
DR = 0.3 kbps, CHF = 1 kHz
-120
dBm
DR = 1.2 kbps, CHF = 4 kHz
-118
DR = 38.4 kbps, CHF = 100 kHz
-104
3.9
RF transmitter
Characteristics measured over recommended operating conditions unless otherwise specified. All typical values
are referred to 25 °C temperature, VBAT = 3.3 V. All performance is referred to the STEVAL-FKI433V2 or
STEVAL-FKI868V2 with a 50 Ω antenna connector.
Table 21. RF transmitter characteristics
Parameter
Test conditions
HPM typ.
LPM typ.
Unit
Maximum output power
CW @ antenna level
14
10
dBm
Maximum output power in boost mode
CW @ antenna level
16
12
Minimum output power
CW @ antenna level
-30
-30
Output power step
-10<=output power<=+10 dBm
0.5
0.5
dB
Output power step (1)
Output power>+10 dBm
1(1)
1. In this case the register 0x64 is set to 0x4A.
Table 22. PA impedance
Parameter
Test conditions
Typ.
Unit
Optimum load impedance
433 MHz
56+25j
Ω
868 MHz
30+24j
Max permitted VSWR @ antenna level
433 MHz
2
868 MHz
5
Table 23. Regulatory standards
Frequency band
Suitable for compliance with:
413 - 479 MHz
ETSI EN300 220 category 1.5
FCC part 15, FCC part 90
826 - 958 MHz
ETSI EN300 220-2 category 1.5
FCC part 15
ARIB STD-T108
Chinese SRRC
S2-LPS
RF transmitter
DS13831 - Rev 1
page 15/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com