Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSQTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 8Page - STMicroelectronics S2-LPSQTR Datasheet HTML 9Page - STMicroelectronics S2-LPSQTR Datasheet HTML 10Page - STMicroelectronics S2-LPSQTR Datasheet HTML 11Page - STMicroelectronics S2-LPSQTR Datasheet HTML 12Page - STMicroelectronics S2-LPSQTR Datasheet HTML 13Page - STMicroelectronics S2-LPSQTR Datasheet HTML 14Page - STMicroelectronics S2-LPSQTR Datasheet HTML 15Page - STMicroelectronics S2-LPSQTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
1. SMPS output voltage 1.2 V, LDOs disable.
2. SMPS output voltage 1.8 V.
3.5
General characterization
Table 12. General characteristics
Parameter
Typ.
Unit
Frequency range
413 - 479
MHz
826 - 958
Data rate DR
2-(G)FSK
0.1 - 250
kbps
OOK/ASK
0.1 -125
Data rate accuracy
±100
ppm
Frequency deviation FDEV
0.15 - 500
kHz
3.6
Frequency synthesizer
Table 13. Frequency synthesizer parameters
Parameter
Test conditions
50 MHz
Unit
Frequency step size
Out-loop divider ratio = 4
23.8
Hz
RF carrier phase noise 433 MHz
10 kHz
-109
dBc/Hz
100 kHz
-110
1 MHz
-124
10 MHz
-141
RF carrier phase noise 868 MHz
10 kHz
-102
100 kHz
-103
1 MHz
-117
10 MHz
-138
3.7
Crystal oscillator
Characteristics measured over recommended operating conditions unless otherwise specified. All typical values
are referred to 25 °C temperature, VBAT = 3.0 V.
The device supports crystals 26 MHz.
From now on in this document the XTAL oscillator will be indicated with
fXOandthedigitalclockwithfdig
•
if a 26 MHz crystal is used, this bit must be 1 (digital divider disabled):
fdig= fxo
(1)
In order to avoid potential RF performance degradations, the crystal frequency should be chosen to satisfy the
following equation:
nFCH−ROUNDnFCHfXOfXO≥1MHz
(2)
where n is an integer in the set [1-7, B] (B is the synthesizer’s divider ratio).
S2-LPS
General characterization
DS13831 - Rev 1
page 12/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com