Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 9 Page - Midas Components

Part # MPBV-7
Description  N/A LCD Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 9 Page - Midas Components

Back Button MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components MPBV-7 Datasheet HTML 10Page - Midas Components MPBV-7 Datasheet HTML 11Page - Midas Components MPBV-7 Datasheet HTML 12Page - Midas Components MPBV-7 Datasheet HTML 13Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Electrical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage For Logic
VDD-VSS
-
3.0
3.3
3.4
V
Supply Voltage For LCM
V0-XV0
Ta=-20℃
Ta=25℃
Ta=+70℃
-
9.8
-
-
10.0
-
-
10.2
-
V
V
V
Input High Volt.
VIH
-
0.7VDD -
VDD
V
Input Low Volt.
VIL
-
Vss
-
0.3 VDD
V
Output High Volt.
VOH
-
0.8 VDD -
VDD
V
Output Low Volt.
VOL
-
Vss
-
0.2VDD
V
Supply Current(No
include LED Backlight)
IDD
VDD=3.3V
-
1.5
-
mA
Please kindly consider to design the Vop to be adjustable while programing the software to
match LCD contrast tolerance.
Page 9 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com