Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 4 Page - Midas Components

Part # MPBV-7
Description  N/A LCD Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 4 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
16
D6
If using serial interface:
D0 is the SDA signal in 4-Line & 3-Line interface.
D1 is the A0 signal in 4-Line interface
17
D5
18
D4
19
D3
20
D2
21
D1
22
D0
23
NC
No connection
24
/WR(R/W) Input
Read / Write execution control pin. (This pin is only used in parallel
interface)
25
A0(SCL) Input
The function of this pin is different in parallel and serial interface.
In parallel interface: A0 is register selection input.
A0 = "H": inputs on data bus are display data;
A0 = "L": inputs on data bus are command.
_ In serial interface: this pad will be used as SCL (serial-clock) input
26
VSS
P
Ground
Page 4 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com