Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 5 Page - Midas Components

Part # MPBV-7
Description  N/A LCD Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 5 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Contour Drawing
R0
.30
0.50
13.50¡ Ó
0.1
0.53
0.5
SCALE 10/1
DOT SIZE
SCALE 3/1
Contact Side
P0.5*25=12.50
D1
15
IF1
V0
3
D0
NC
VSS
A0(SCL)
/WR(R/W)
D4
21
9
CSB
The non-specified tolerance of dimension is ¡ Ó
0.3 mm .
12
11
10
24
23
22
VSS
VDDI
VM
VD1
VDDA
6
8
7
4
5
18
D7
D6
D5
20
19
/RD(E)
RSTB
16
17
D2
D3
VG
XV0
1
2
IF3
IF2
13
14
25
26
0.25
COM62
COM0
COM63
COM1
SEG239
SEG0
LCD
CN3
2
1
4.015
127.17(AA)
3.10max
129.00 (V.A)
7.15
142.50¡ Ó
0.3
135.20
3.40
PTH
CN3
JST:PHR-2
STIFFNER
CONTACT SIDE
0.30¡ Ó
0.05
4-
R3
.50
? 3.2
0
132.20¡ Ó
0.2
1.50
CN3
13.50
(60.85)
(Unbending)
240*64 DOTS
Page 5 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com