Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 10 Page - Midas Components

Part # MPBV-7
Description  N/A LCD Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 10 Page - Midas Components

Back Button MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components MPBV-7 Datasheet HTML 10Page - Midas Components MPBV-7 Datasheet HTML 11Page - Midas Components MPBV-7 Datasheet HTML 12Page - Midas Components MPBV-7 Datasheet HTML 13Page - Midas Components MPBV-7 Datasheet HTML 14Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Backlight Information
Specification
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT TEST
CONDITION
Supply Current
ILED
-
112
140
mA
V= 3.5 V
Supply Voltage
V
3.3
3.5
3.7
V
-
Reverse Voltage
VR
-
-
5
V
-
Color
coordinate
X
0.27
0.30
0.33
-
-
Y
0.26
0.29
0.32
-
-
Luminance
(Without LCD)
IV
560
700
-
CD/M2 ILED= 112 mA
LED Life Time
(For Reference
only)
-
-
50K
-
Hr.
ILED= 112 mA
25
℃,50-60%RH,
(Note 1)
Color
White
Note: The LED of B/L is drive by current only, drive voltage is for reference only.
drive voltage can make driving current under safety area (current between
minimum and maximum).
Note1 :50K hours is only an estimate for reference.
LED B\L Drive Method
Drive from A , K
R
A
K
B/L
Page 10 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com