Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV-7
Description  N/A LCD Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 3 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Interface Pin Function
Pin No. Symbol
I/O Description
1
VG
P
VG is the power of SEG-drivers.
2
XV0
P
Negative operating voltage of COM-drivers.
3
V0
P
Positive operating voltage of COM-drivers.
V0O is the output of the positive Vop generator.
V0I is the positive Vop supply of LCD drivers.
V0S is the sensor of the positive Vop generator.
V0O, V0I & V0S should be separated on ITO and be connected
together by FPC.
4
VM
P
VM is the non-select voltage level of COM-drivers.
5
VDDA
P
Analog power for internal booster.
6
VSS
P
Ground
7
VD1
P
VD1I is the power source of digital circuits.
8
VDDI
P
Power of interface I/O circuit.
9
CSB
Input
Chip select input pin.
CSB=“L”: This chip is selected and the MPU interface is active.
CSB=“H”: This chip is not selected and the MPU interface is
disabled (D[7:0] are high impedance).
10
IF3
Input
These pins select interface operation mode.
IF3
IF2
IF1
MPU interface type
H
H
L
80 series 8-bit parallel
H
L
L
68 series 8-bit parallel
L
H
H
8-bit serial (4-Line)
L
H
L
9-bit serial (3-Line)
Note: Refer to “Interface Selection” for detailed information.
11
IF2
12
IF1
13
RSTB
Input
Reset input pin. When RSTB is “L”, internal initialization procedure
is executed.
14
/RD(E)
Input
Read / Write execution control pin. (This pin is only used in parallel
interface)
15
D7
I/O
The bi-directional data bus of the MPU interface. When CSB is “H”,
they are high impedance.
Page 3 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com