Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 18 Page - Midas Components

Part # MPBV-7
Description  N/A LCD Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 18 Page - Midas Components

Back Button MPBV-7 Datasheet HTML 12Page - Midas Components MPBV-7 Datasheet HTML 13Page - Midas Components MPBV-7 Datasheet HTML 14Page - Midas Components MPBV-7 Datasheet HTML 15Page - Midas Components MPBV-7 Datasheet HTML 16Page - Midas Components MPBV-7 Datasheet HTML 17Page - Midas Components MPBV-7 Datasheet HTML 18Page - Midas Components MPBV-7 Datasheet HTML 19Page - Midas Components MPBV-7 Datasheet HTML 20Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Material List of Components for RoHs
1. Midas hereby declares that all of or part of products (with the mark
“#”in code), including, but not limited to, the LCM, accessories or packages, manufactured
and/or delivered to your company (including your subsidiaries and affiliated company)
directly or indirectly by our company (including our subsidiaries or affiliated companies) do
not intentionally contain any of the substances listed in all applicable EU directives and
regulations, including the following substances.
Exhibit A:The Harmful Material List
Material
(Cd)
(Pb)
(Hg)
(Cr6+)
PBBs
PBDEs
Limited
Value
100
ppm
1000
ppm
1000
ppm
1000
ppm
1000
ppm
1000
ppm
Above limited value is set up according to RoHS.
2.Process for RoHS requirement:(only for RoHS inspection)
(1) Use the Sn/Ag/Cu soldering surface;the surface of Pb-free solder is rougher than we used
before.
(2) Heat-resistance temp.:
Reflow:250℃,30 seconds Max.;
Connector soldering wave or hand soldering:320℃, 10 seconds max.
(3) Temp. curve of reflow, max. Temp.:235±5℃;
Recommended customer’s soldering temp. of connector:280℃, 3 seconds.
Recommendable Storage
1. Place the panel or module in the temperature 25°C±5°C and the humidity below 65% RH
2. Do not place the module near organics solvents or corrosive gases.
3. Do not crush, shake, or jolt the module.
Page 18 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com