Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 7 Page - Midas Components

Part # MPBV-7
Description  N/A LCD Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 7 Page - Midas Components

Back Button MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components MPBV-7 Datasheet HTML 10Page - Midas Components MPBV-7 Datasheet HTML 11Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Optical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
View Angle
θ
CR≧2
0
-
30
ψ= 180°
θ
CR≧2
0
-
60
ψ= 0°
θ
CR≧2
0
-
45
ψ= 90°
θ
CR≧2
0
-
45
ψ= 270°
Contrast Ratio
CR
-
-
5
-
-
Response Time
T rise
-
-
200
300
ms
T fall
-
-
250
350
ms
Definition of Operation Voltage (Vop)
Definition of Response Time ( Tr , Tf )
Driving Voltage(V)
Intensity
Cr Max
100%
Vop
Selected Wave
Non-selected Wave
[positive type]
Cr = Lon / Loff
Selected Condition
100%
90%
Tf
Tr
10%
【Positive type】
Non-selected
Condition
Non-selected
Condition
Intensity
Conditions :
Operating Voltage : Vop
Viewing Angle(θ,φ) : 0°, 0°
Frame Frequency : 64 HZ Driving Waveform : 1/N duty , 1/a bias
Definition of viewing angle(CR
≧2)
θ f
φ = 180°
φ = 90°
φ = 0°
φ = 270°
θ b
θ r
θ l
Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com