Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 1 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 1 Page - Midas Components

  MPBV7 Datasheet HTML 1Page - Midas Components MPBV7 Datasheet HTML 2Page - Midas Components MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MCOT128064BY-WM
128 x 64
OLED Module
Specification
Version:
1
Date:
28/10/2012
Revision
Display Accessories
Part Number
Description
Optional Variants
Appearance
Voltage
24/10/2012
First Issue
1
Display Features
Resolution
128 x 64
Appearance
White on Black
Logic Voltage
2.8V
Interface
Multi
Module Size
42.04 x 27.22 x 1.45mm
Operating Temperature
-40°C ~ +80°C
Box Quantity
Weight / Display
Construction
COT
---
---
* - For full design functionality, please use this
specification in conjunction with the SSD1309
specification. (Provided Separately)
MPBV7
30 Way FFC to cable and wires.
Driven by any driver board that can
be wired to a 1mm pitch
SHDR-30V-S-B receptacle.
MCIB-12
UC32 Breakout Board. With SD
Card and LED backlight driver.
Used in conjunction with MPBV7
Page 1 of 21
Telephone +44 (0)1493 602602
Email:sales@midasdisplays.com
Email:tech@midasdisplays.com
www.midasdisplays.com
Sauls Wharf House
Sauls Wharf House
Crittens Road
Crittens Road
Great Yarmouth
Great Yarmouth
Norfolk
Norfolk
NR31 0AG
NR31 0AG


Similar Part No. - MPBV7

ManufacturerPart #DatasheetDescription
logo
Midas Components
MPBV7 MIDASDISPLAYS-MPBV7 Datasheet
2Mb / 22P
OLED Module
Version: 1 26/10/2012
MPBV7 MIDASDISPLAYS-MPBV7 Datasheet
1Mb / 18P
OLED Module
Version: 1 20/08/2016
MPBV7 MIDASDISPLAYS-MPBV7 Datasheet
1Mb / 19P
OLED Module
Version: 1 16/05/2017
MPBV7 MIDASDISPLAYS-MPBV7 Datasheet
1Mb / 18P
OLED Module
Version: 1 13/06/2017
MPBV7 MIDASDISPLAYS-MPBV7 Datasheet
1Mb / 21P
TFT Module
Version: 1 22/03/2018
More results

Similar Description - MPBV7

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMB3 NEWHAVEN-NHD-2.8-25664UMB3 Datasheet
408Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
NHD-0216KZW-AG5 NEWHAVEN-NHD-0216KZW-AG5_14 Datasheet
2Mb / 22P
OLED Display Module
logo
Crystalfontz America, I...
CFAL1602L0-Y CRYSTAIFONTZ-CFAL1602L0-Y Datasheet
361Kb / 10P
OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com