Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 4 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 4 Page - Midas Components

  MPBV7 Datasheet HTML 1Page - Midas Components MPBV7 Datasheet HTML 2Page - Midas Components MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pin Definition
Pin Number
Symbol
I/O
Function
P
Poow
weerr SSuuppppllyy
5
VDD
P
P
Poow
weerr S
Su
up
pp
pllyy ffoorr LLoog
giicc C
Ciirrccu
uiitt
This is a voltage supply pin. It must be connected to external source.
3
VSS
P
G
Grroou
un
nd
d ooff LLoog
giicc C
Ciirrccu
uiitt
This is a ground pin. It also acts as a reference for the logic pins. It must be
connected to external ground.
23
VCC
P
P
Poow
weerr S
Su
up
pp
pllyy ffoorr O
OEELL P
Paan
neell
This is the most positive voltage supply pin of the chip. It must be supplied
externally.
2
VLSS
P
G
Grroou
un
nd
d ooff A
An
naalloog
g C
Ciirrccu
uiitt
This is an analog ground pin. It should be connected to VSS externally.
D
Drriivveerr
21
IREF
I
C
Cu
urrrreen
ntt R
Reeffeerreen
nccee ffoorr B
Brriig
gh
httn
neessss A
Ad
djju
ussttm
meen
ntt
This pin is segment current reference pin. A resistor should be connected
between this pin and VSS. Set the current at 10μA maximum.
22
VCOMH
O
V
Voollttaag
gee O
Ou
uttp
pu
utt H
Hiig
gh
h LLeevveell ffoorr C
CO
OM
M S
Siig
gn
naall
This pin is the input pin for the voltage output high level for COM signals. A
capacitor should be connected between this pin and VSS.
IIn
ntteerrffaaccee
6
7
BS1
BS2
I
C
Coom
mm
mu
un
niiccaattiin
ng
g P
Prroottooccooll S
Seelleecctt
These pins are MCU interface selection input. See the following table:
BS1
BS2
I2C
1
0
4-wire SPI
0
0
8-bit 68XX Parallel
0
1
8-bit 80XX Parallel
1
1
9
RES#
I
P
Poow
weerr R
Reesseett ffoorr C
Coon
nttrroolllleerr aan
nd
d D
Drriivveerr
This pin is reset signal input. When the pin is low, initialization of the chip is
executed. Keep this pin pull high during normal operation.
8
CS#
I
C
Ch
hiip
p S
Seelleecctt
This pin is the chip select input. The chip is enabled for MCU communication only
when CS# is pulled low.
10
D/C#
I
D
Daattaa//C
Coom
mm
maan
nd
d C
Coon
nttrrooll
This pin is Data/Command control pin. When the pin is pulled high, the input at
D7~D0 will be interpreted as display data. When the pin is pulled low, the input
at D7~D0 will be transferred to the command register.
When the pin is pulled high and serial interface mode is selected, the data at SDIN
will be interpreted as data. When it is pulled low, the data at SDIN will be
transferred to the command register. In I2C mode, this pin acts as SA0 for slave
address selection.
For detail relationship to MCU interface signals, please refer to the Timing
Characteristics Diagrams.
12
E/RD#
I
R
Reeaad
d//W
Wrriittee EEn
naab
bllee oorr R
Reeaad
d
This pin is MCU interface input.
When interfacing to a 68XX-series
microprocessor, this pin will be used as the Enable (E) signal. Read/write operation
is initiated when this pin is pulled high and the CS# is pulled low.
When connecting to an 80XX-microprocessor, this pin receives the Read (RD#)
signal. Data read operation is initiated when this pin is pulled low and CS# is
pulled low.
When serial or I2C mode is selected, this pin must be connected to VSS.
11
R/W#
I
R
Reeaad
d//W
Wrriittee S
Seelleecctt oorr W
Wrriittee
This pin is MCU interface input.
When interfacing to a 68XX-series
microprocessor, this pin will be used as Read/Write (R/W#) selection input. Pull
this pin to “High” for read mode and pull it to “Low” for write mode.
When 80XX interface mode is selected, this pin will be the Write (WR#) input.
Data write operation is initiated when this pin is pulled low and the CS# is pulled
low.
When serial or I2C mode is selected, this pin must be connected to VSS.
Page 4 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com