Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 12 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 12 Page - Midas Components

Back Button MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components MPBV7 Datasheet HTML 10Page - Midas Components MPBV7 Datasheet HTML 11Page - Midas Components MPBV7 Datasheet HTML 12Page - Midas Components MPBV7 Datasheet HTML 13Page - Midas Components MPBV7 Datasheet HTML 14Page - Midas Components MPBV7 Datasheet HTML 15Page - Midas Components MPBV7 Datasheet HTML 16Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
FFuunnccttiioonnaall SSppeecciiffiiccaattiioonn
Commands
Refer to the Technical Manual for the SSD1309
Power down and Power up Sequence
To protect OEL panel and extend the panel life time, the driver IC power up/down routine should include
a delay period between high voltage and low voltage power sources during turn on/off. It gives the
OEL panel enough time to complete the action of charge and discharge before/after the operation.
Power up Sequence:
1. Power up VDD
2. Send Display off command
3. Initialization
4. Clear Screen
5. Power up VCC
6. Delay 100ms
(When VCC is stable)
7. Send Display on command
Power down Sequence:
1. Send Display off command
2. Power down VCC
3. Delay 100ms
(When VCC is reach 0 and panel is completely
discharges)
4. Power down VDD
Note 9:
1) Since an ESD protection circuit is connected between VDD and VCC inside the driver IC, VCC
becomes lower than VDD whenever VDD is ON and VCC is OFF.
2) VCC should be kept float (disable) when it is OFF.
3) Power Pins (VDD, VCC) can never be pulled to ground under any circumstance.
4) VDD should not be power down before VCC power down.
Reset Circuit
When RES# input is low, the chip is initialized with the following status:
1. Display is OFF
2. 128
×64 Display Mode
3. Normal segment and display data column and row address mapping (SEG0 mapped to column
address 00h and COM0 mapped to row address 00h)
4. Shift register data clear in serial interface
5. Display start line is set at display RAM address 0
6. Column address counter is set at 0
7. Normal scan direction of the COM outputs
8. Contrast control register is set at 7Fh
9. Normal display mode (Equivalent to A4h command)
D
Diissppllaayy oonn
VDD
V
VDDDD oonn
V
VCCCC oonn
VSS/Ground
VCC
V
VDDDD ooffff
VDD
D
Diissppllaayy ooffff
V
VCCCC ooffff
VSS/Ground
VCC
Page 12 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com