Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 15 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 15 Page - Midas Components

Back Button MPBV7 Datasheet HTML 11Page - Midas Components MPBV7 Datasheet HTML 12Page - Midas Components MPBV7 Datasheet HTML 13Page - Midas Components MPBV7 Datasheet HTML 14Page - Midas Components MPBV7 Datasheet HTML 15Page - Midas Components MPBV7 Datasheet HTML 16Page - Midas Components MPBV7 Datasheet HTML 17Page - Midas Components MPBV7 Datasheet HTML 18Page - Midas Components MPBV7 Datasheet HTML 19Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
R
Reelliiaabbiilliittyy
Contents of Reliability Tests
Item
Conditions
Criteria
High Temperature Operation
70
°C, 240 hrs
Low Temperature Operation
-40
°C, 240 hrs
High Temperature Storage
85
°C, 240 hrs
Low Temperature Storage
-40
°C, 240 hrs
High Temperature/Humidity Operation
60
°C, 90% RH, 120 hrs
Thermal Shock
-40
°C ⇔ 85°C, 24 cycles
60 mins dwell
The operational
functions work.
* The samples used for the above tests do not include polarizer.
* No moisture condensation is observed during tests.
Failure Check Standard
After the completion of the described reliability test, the samples were left at room temperature for 2
hrs prior to conducting the failure test at 23
±5°C; 55±15% RH.
Page 15 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com