Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 5 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 5 Page - Midas Components

  MPBV7 Datasheet HTML 1Page - Midas Components MPBV7 Datasheet HTML 2Page - Midas Components MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Pin Definition (Continued)
Pin Number
Symbol
I/O
Function
IIn
ntteerrffaaccee ((C
Coonnttiinnuueedd))
13~20
D0~D7
I/O
H
Hoosstt D
Daattaa IIn
np
pu
utt//O
Ou
uttp
pu
utt B
Bu
uss
These pins are 8-bit bi-directional data bus to be connected to the
microprocessor’s data bus. When serial mode is selected, D1 will be the serial
data input SDIN and D0 will be the serial clock input SCLK. When I2C mode is
selected, D2, D1 should be tired together and serve as SDAOUT, SDAIN in application
and D0 is the serial clock input, SCL.
Unused pins must be connected to VSS except for D2 in serial mode.
R
Reesseerrvvee
4
N.C.
-
R
Reesseerrvveed
d P
Piin
n
The N.C. pin between function pins are reserved for compatible and flexible
design.
1, 24
N.C. (GND)
-
R
Reesseerrvveed
d P
Piin
n ((S
Su
up
pp
poorrttiin
ng
g P
Piin
n))
The supporting pins can reduce the influences from stresses on the function pins.
These pins must be connected to external ground as the ESD protection circuit.
Block Diagram
~~ ~
~
~
~
R1
C2
SSD1309
C1
Active Area 1.54"
128 x 64 Pixels
C3
C4
C5
MCU Interface Selection:
BS1 and BS2
Pins connected to MCU interface: CS#, RES#, D/C#, R/W#, E/RD#, and D0~D7
C1, C3: 0.1μF
C2:
C4:
C5:
R1:
4.7μF
10μF
4.7μF / 25V Tantalum Capacitor
910k
Ω, R1 = (Voltage at IREF - BGGND) / IREF
Page 5 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com