Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 21 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 21 Page - Midas Components

Back Button MPBV7 Datasheet HTML 13Page - Midas Components MPBV7 Datasheet HTML 14Page - Midas Components MPBV7 Datasheet HTML 15Page - Midas Components MPBV7 Datasheet HTML 16Page - Midas Components MPBV7 Datasheet HTML 17Page - Midas Components MPBV7 Datasheet HTML 18Page - Midas Components MPBV7 Datasheet HTML 19Page - Midas Components MPBV7 Datasheet HTML 20Page - Midas Components MPBV7 Datasheet HTML 21Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
humidity environment or low temperature (less than 0
°C) environments. (We recommend you to
store these modules in the packaged state when they were shipped from
Midas Displays. )
At that time, be careful not to let water drops adhere to the packages or bags nor let dewing occur
with them.
2) If electric current is applied when water drops are adhering to the surface of the OEL display
module, when the OEL display module is being dewed or when it is placed under high humidity
environments, the electrodes may be corroded and be careful about the above.
Designing Precautions
1) The absolute maximum ratings are the ratings which cannot be exceeded for OEL display module,
and if these values are exceeded, panel damage may be happen.
2) To prevent occurrence of malfunctioning by noise, pay attention to satisfy the VIL and VIH
specifications and, at the same time, to make the signal line cable as short as possible.
3) We recommend you to install excess current preventive unit (fuses, etc.) to the power circuit (VDD).
(Recommend value: 0.5A)
4) Pay sufficient attention to avoid occurrence of mutual noise interference with the neighboring
devices.
5) As for EMI, take necessary measures on the equipment side basically.
6) When fastening the OEL display module, fasten the external plastic housing section.
7) If power supply to the OEL display module is forcibly shut down by such errors as taking out the
main battery while the OEL display panel is in operation, we cannot guarantee the quality of this
OEL display module.
8) The electric potential to be connected to the rear face of the IC chip should be as follows: SSD1309
* Connection (contact) to any other potential than the above may lead to rupture of the IC.
Precautions when disposing of the OEL display modules
1) Request the qualified companies to handle industrial wastes when disposing of the OEL display
modules. Or, when burning them, be sure to observe the environmental and hygienic laws and
regulations.
Other Precautions
1) When an OEL display module is operated for a long of time with fixed pattern may remain as an
after image or slight contrast deviation may occur.
Nonetheless, if the operation is interrupted and left unused for a while, normal state can be
restored. Also, there will be no problem in the reliability of the module.
2) To protect OEL display modules from performance drops by static electricity rapture, etc., do not
touch the following sections whenever possible while handling the OEL display modules.
* Pins and electrodes
* Pattern layouts such as the FPC
3) With this OEL display module, the OEL driver is being exposed.
Generally speaking,
semiconductor elements change their characteristics when light is radiated according to the
principle of the solar battery. Consequently, if this OEL driver is exposed to light, malfunctioning
may occur.
* Design the product and installation method so that the OEL driver may be shielded from light in
actual usage.
* Design the product and installation method so that the OEL driver may be shielded from light
during the inspection processes.
4) Although this OEL display module stores the operation state data by the commands and the
indication data, when excessive external noise, etc. enters into the module, the internal status may
be changed. It therefore is necessary to take appropriate measures to suppress noise generation
or to protect from influences of noise on the system design.
5) We recommend you to construct its software to make periodical refreshment of the operation
statuses (re-setting of the commands and re-transference of the display data) to cope with
catastrophic noise.
Page 21 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com