Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 10 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 10 Page - Midas Components

Back Button MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components MPBV7 Datasheet HTML 10Page - Midas Components MPBV7 Datasheet HTML 11Page - Midas Components MPBV7 Datasheet HTML 12Page - Midas Components MPBV7 Datasheet HTML 13Page - Midas Components MPBV7 Datasheet HTML 14Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Serial Interface Timing Characteristics:
Symbol Description
Min
Max
Unit
tcycle
Clock Cycle Time
100
-
ns
tAS
Address Setup Time
15
-
ns
tAH
Address Hold Time
15
-
ns
tCSS
Chip Select Setup Time
20
-
ns
tCSH
Chip Select Hold Time
50
-
ns
tDW
Data Write Time
55
-
ns
tDSW
Write Data Setup Time
15
-
ns
tDHW
Write Data Hold Time
15
-
ns
tCLKL
Clock Low Time
50
-
ns
tCLKH
Clock High Time
50
-
ns
tR
Rise Time
-
40
ns
tF
Fall Time
-
40
ns
* (VDD - VSS = 1.65V to 3.5V, Ta = 25°C)
Page 10 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com