Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 389 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 389 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 387Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 388Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 389Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 390Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 391Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 392Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 393Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 437 page
background image
Peripherals
Register
Offset
Description
EPOUT[1].AMOUNT
0x71C
Number of bytes transferred in the last transaction
EPOUT[2].PTR
0x728
Data pointer
EPOUT[2].MAXCNT
0x72C
Maximum number of bytes to transfer
EPOUT[2].AMOUNT
0x730
Number of bytes transferred in the last transaction
EPOUT[3].PTR
0x73C
Data pointer
EPOUT[3].MAXCNT
0x740
Maximum number of bytes to transfer
EPOUT[3].AMOUNT
0x744
Number of bytes transferred in the last transaction
EPOUT[4].PTR
0x750
Data pointer
EPOUT[4].MAXCNT
0x754
Maximum number of bytes to transfer
EPOUT[4].AMOUNT
0x758
Number of bytes transferred in the last transaction
EPOUT[5].PTR
0x764
Data pointer
EPOUT[5].MAXCNT
0x768
Maximum number of bytes to transfer
EPOUT[5].AMOUNT
0x76C
Number of bytes transferred in the last transaction
EPOUT[6].PTR
0x778
Data pointer
EPOUT[6].MAXCNT
0x77C
Maximum number of bytes to transfer
EPOUT[6].AMOUNT
0x780
Number of bytes transferred in the last transaction
EPOUT[7].PTR
0x78C
Data pointer
EPOUT[7].MAXCNT
0x790
Maximum number of bytes to transfer
EPOUT[7].AMOUNT
0x794
Number of bytes transferred in the last transaction
ISOOUT.PTR
0x7A0
Data pointer
ISOOUT.MAXCNT
0x7A4
Maximum number of bytes to transfer
ISOOUT.AMOUNT
0x7A8
Number of bytes transferred in the last transaction
Table 112: Register overview
6.26.13.1 TASKS_STARTEPIN[n] (n=0..7)
Address offset: 0x004 + (n × 0x4)
Captures the EPIN[n].PTR and EPIN[n].MAXCNT registers values, and enables endpoint IN n to respond to
traffic from host
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STARTEPIN
Captures the EPIN[n].PTR and EPIN[n].MAXCNT registers
values, and enables endpoint IN n to respond to traffic from
host
Trigger
1
Trigger task
6.26.13.2 TASKS_STARTISOIN
Address offset: 0x024
Captures the ISOIN.PTR and ISOIN.MAXCNT registers values, and enables sending data on ISO endpoint
4463_156 v1.0
389



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com