Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 59 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 59 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 63Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 437 page
background image
Power and clock management
Register
Offset
Description
RESETREAS
0x400
Reset reason
RAMSTATUS
0x428
RAM status register
Deprecated
USBREGSTATUS
0x438
USB supply status
SYSTEMOFF
0x500
System OFF register
POFCON
0x510
Power-fail comparator configuration
GPREGRET
0x51C
General purpose retention register
GPREGRET2
0x520
General purpose retention register
DCDCEN
0x578
Enable DC/DC converter for REG1 stage
MAINREGSTATUS
0x640
Main supply status
RAM[0].POWER
0x900
RAM0 power control register
RAM[0].POWERSET
0x904
RAM0 power control set register
RAM[0].POWERCLR
0x908
RAM0 power control clear register
RAM[1].POWER
0x910
RAM1 power control register
RAM[1].POWERSET
0x914
RAM1 power control set register
RAM[1].POWERCLR
0x918
RAM1 power control clear register
RAM[2].POWER
0x920
RAM2 power control register
RAM[2].POWERSET
0x924
RAM2 power control set register
RAM[2].POWERCLR
0x928
RAM2 power control clear register
RAM[3].POWER
0x930
RAM3 power control register
RAM[3].POWERSET
0x934
RAM3 power control set register
RAM[3].POWERCLR
0x938
RAM3 power control clear register
Table 17: Register overview
5.3.7.1 TASKS_CONSTLAT
Address offset: 0x78
Enable Constant Latency mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_CONSTLAT
Enable Constant Latency mode
Trigger
1
Trigger task
5.3.7.2 TASKS_LOWPWR
Address offset: 0x7C
Enable Low-power mode (variable latency)
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_LOWPWR
Enable Low-power mode (variable latency)
Trigger
1
Trigger task
5.3.7.3 EVENTS_POFWARN
Address offset: 0x108
Power failure warning
4463_156 v1.0
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com