Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 54 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 54 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 58Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 437 page
background image
Power and clock management
If the power failure warning is enabled, and the supply voltage is below the threshold, the power-fail
comparator will prevent the NVMC from performing write operations to the flash.
The comparator features a hysteresis of VHYST, as illustrated in the following figure.
Supply (VDD or VDDH)
t
VPOF
VPOF+VHYST
1.7V
BOR
Figure 18: Power-fail comparator (BOR = brownout reset)
To save power, the power-fail comparator is not active in System OFF or System ON when HFCLK is not
running.
5.3.2 USB supply
When using the USB peripheral, a 5 V USB supply needs to be provided to the VBUS pin.
The USB peripheral has a dedicated internal voltage regulator for converting the VBUS supply to 3.3 V used
by the USB signalling interface (D+ and D- lines, and pull-up on D+). The remainder of the USB peripheral
(USBD) is supplied through the main supply like other on-chip features. As a consequence, VBUS and
either VDDH or VDD supplies are required for USB peripheral operation.
When VBUS rises into its valid range, the software is notified through a USBDETECTED event. A
USBREMOVED event is sent when VBUS goes below its valid range. Use these events to implement the
USBD start-up sequence described in the USBD chapter.
When VBUS rises into its valid range while the device is in System OFF, the device resets and transitions to
System ON mode. The RESETREAS register will have the VBUS bit set to indicate the source of the wake-up.
See VBUS detection specifications on page 69 for the levels at which the events are sent (VBUS,DETECT
and VBUS,REMOVE) or at which the system is woken up from System OFF (VBUS,DETECT).
When the USBD peripheral is enabled through the ENABLE register, and VBUS is detected, the regulator
is turned on. A USBPWRRDY event is sent when the regulator's worst case settling time has elapsed,
indicating to the software that it can enable the USB pull-up to signal a USB connection to the host.
The software can read the state of the VBUS detection and regulator output readiness at any time through
the USBREGSTATUS register.
4463_156 v1.0
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com