Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 411 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 411 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 407Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 408Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 409Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 410Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 411Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 412Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 413Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 414Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 415Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 437 page
background image
Peripherals
When started, the watchdog will automatically force the 32.768 kHz RC oscillator on as long as no other
32.768 kHz clock source is running and generating the 32.768 kHz system clock, see chapter CLOCK —
Clock control on page 69.
6.27.1 Reload criteria
The watchdog has eight separate reload request registers, which shall be used to request the watchdog to
reload its counter with the value specified in the CRV register. To reload the watchdog counter, the special
value 0x6E524635 needs to be written to all enabled reload registers.
One or more RR registers can be individually enabled through the RREN register.
6.27.2 Temporarily pausing the watchdog
By default, the watchdog will be active counting down the down-counter while the CPU is sleeping and
when it is halted by the debugger. It is possible to configure the watchdog to automatically pause while
the CPU is sleeping as well as when it is halted by the debugger.
6.27.3 Watchdog reset
A TIMEOUT event will automatically lead to a watchdog reset.
See Reset on page 57 for more information about reset sources. If the watchdog is configured to generate
an interrupt on the TIMEOUT event, the watchdog reset will be postponed with two 32.768 kHz clock
cycles after the TIMEOUT event has been generated. Once the TIMEOUT event has been generated, the
impending watchdog reset will always be effectuated.
The watchdog must be configured before it is started. After it is started, the watchdog’s configuration
registers, which comprise registers CRV, RREN, and CONFIG, will be blocked for further configuration.
The watchdog can be reset from several reset sources, see Reset behavior on page 58.
When the device starts running again, after a reset, or waking up from OFF mode, the watchdog
configuration registers will be available for configuration again.
6.27.4 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40010000
WDT
WDT
Watchdog timer
Table 113: Instances
Register
Offset
Description
TASKS_START
0x000
Start the watchdog
EVENTS_TIMEOUT
0x100
Watchdog timeout
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
RUNSTATUS
0x400
Run status
REQSTATUS
0x404
Request status
CRV
0x504
Counter reload value
RREN
0x508
Enable register for reload request registers
CONFIG
0x50C
Configuration register
RR[0]
0x600
Reload request 0
RR[1]
0x604
Reload request 1
RR[2]
0x608
Reload request 2
RR[3]
0x60C
Reload request 3
RR[4]
0x610
Reload request 4
4463_156 v1.0
411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com