| Electronic Components Datasheet Search |
|
NRF52820-QDAA-R Datasheet(PDF) 185 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Datasheet(HTML) 185 Page - Nordic Semiconductor |
|
185 / 437 page ![]() Peripherals Long frame ACK tack = 32 symbols Short frame ACK tack = 32 symbols tlifs = 40 symbols tsifs = 12 symbols Acknowledged transmission Long frame Short frame tlifs = 40 symbols tsifs = 12 symbols Unacknowledged transmission Figure 75: Interframe spacing examples 6.12.14 EasyDMA The RADIO uses EasyDMA to read and write packets to RAM without CPU involvement. As illustrated in RADIO block diagram on page 163, the RADIO's EasyDMA utilizes the same PACKETPTR for receiving and transmitting packets. This pointer should be reconfigured by the CPU each time before RADIO is started by the START task. The PACKETPTR register is double-buffered, meaning that it can be updated and prepared for the next transmission. The END event indicates that the last bit has been processed by the RADIO. The DISABLED event is issued to acknowledge that a DISABLE task is done. The structure of a packet is described in detail in Packet configuration on page 163. The data that is stored in Data RAM and transported by EasyDMA consists of the following fields: • S0 • LENGTH • S1 • PAYLOAD In addition, a static add-on is sent immediately after the payload. The size of each of the above fields in the frame is configurable (see Packet configuration on page 163), and the space occupied in RAM depends on these settings. The size of the field can be zero, as long as the resulting frame complies with the chosen RF protocol. All fields are extended in size to align with a byte boundary in RAM. For instance, a 3-bit long field on air will occupy 1 byte in RAM while a 9-bit long field will be extended to 2 bytes. The packet's elements can be configured as follows: • CI, TERM1, and TERM2 fields are only present in Bluetooth® Low Energy Long Range mode • S0 is configured through the PCNF0.S0LEN field • LENGTH is configured through the PCNF0.LFLEN field • S1 is configured through the PCNF0.S1LEN field • Payload size is configured through the value in RAM corresponding to the LENGTH field • Static add-on size is configured through the PCNF1.STATLEN field The PCNF1.MAXLEN field configures the maximum packet payload plus add-on size in number of bytes that can be transmitted or received by the RADIO. This feature can be used to ensure that the RADIO does not overwrite, or read beyond, the RAM assigned to the packet payload. This means that if the LENGTH field of the packet payload exceedes PCNF1.STATLEN, and the LENGTH field in the packet specifies a packet larger than configured in PCNF1.MAXLEN, the payload will be truncated to the length specified in PCNF1.MAXLEN. 4463_156 v1.0 185 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |