Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 226 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 226 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 222Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 223Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 224Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 225Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 226Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 227Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 228Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 229Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 230Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 437 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
tRXDIS,BLE,1M
When in RX, delay between DISABLE task and DISABLED
event for MODE = Nrf_1Mbit and MODE = Ble_1Mbit
0
µs
tTXDIS,BLE,2M
When in TX, delay between DISABLE task and DISABLED
event for MODE = Nrf_2Mbit and MODE = Ble_2Mbit
4
µs
tRXDIS,BLE,2M
When in RX, delay between DISABLE task and DISABLED
event for MODE = Nrf_2Mbit and MODE = Ble_2Mbit
0
µs
tTXEN,IEEE 802.15.4
Time between TXEN task and READY event after channel
FREQUENCY configured (IEEE 802.15.4 mode)
130
µs
tTXEN,FAST,IEEE 802.15.4 Time between TXEN task and READY event after channel
FREQUENCY configured (IEEE 802.15.4 mode with fast ramp-
up)
40
µs
tTXDIS,IEEE 802.15.4
When in TX, delay between DISABLE task and DISABLED
event (IEEE 802.15.4 mode)
21
µs
tRXEN,IEEE 802.15.4
Time between the RXEN task and READY event after channel
FREQUENCY configured (IEEE 802.15.4 mode)
130
µs
tRXEN,FAST,IEEE 802.15.4 Time between the RXEN task and READY event after channel
FREQUENCY configured (IEEE 802.15.4 mode with fast ramp-
up)
40
µs
tRXDIS,IEEE 802.15.4
When in RX, delay between DISABLE task and DISABLED
event (IEEE 802.15.4 mode)
0.5
µs
tRX-to-TX turnaround
Maximum TX-to-RX or RX-to-TX turnaround time in IEEE
802.15.4 mode
40
µs
6.12.16.9 Received signal strength indicator (RSSI) specifications
Symbol
Description
Min.
Typ.
Max.
Units
RSSIACC
RSSI accuracy 17
±2
dB
RSSIRESOLUTION
RSSI resolution
1
dB
RSSIPERIOD
RSSI sampling time from RSSI_START task
0.25
µs
RSSISETTLE
RSSI settling time after signal level change
15
µs
6.12.16.10 Jitter
Symbol
Description
Min.
Typ.
Max.
Units
tDISABLEDJITTER
Jitter on DISABLED event relative to END event when
shortcut between END and DISABLE is enabled
0.25
µs
tREADYJITTER
Jitter on READY event relative to TXEN and RXEN task
0.25
µs
6.12.16.11 IEEE 802.15.4 mode energy detection constants
Symbol
Description
Min.
Typ.
Max.
Units
ED_RSSISCALE
Scaling value when converting between hardware-reported
value and dBm
5
ED_RSSIOFFS
Offset value when converting between hardware-reported
value and dBm
-93
17 Valid range -90 to -30 dBm
4463_156 v1.0
226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com