Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 60Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 61Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 62Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 63Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 64Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 65Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 66Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 67Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 186 page
background image
ST10F280
64/186
11.2.1.3 - Burst Mode
Burst mode is selected by setting bit PB01 in reg-
ister XPWMCON1 to ‘1’. This mode combines the
signals from XPWM channels 0 and 1 onto the
port pin of channel 0. The output of channel 0 is
replaced with the logical AND of channels 0 and 1.
The output of channel 1 can still be used at its
associated output pin (if enabled).
Each of the two channels can either operate in
mode 0 or 1.
Note: It is guaranteed
by design, that no
spurious spikes will occur at the output pin
of channel 0 in this mode. The output of
the AND gate will be transferred to the
output
pin
synchronously
to
internal
clocks.
XORing of the PWM signal and the port
output latch value is done after the ANDing
of channel 0 and 1.
Figure 22 : Operation and Output Waveform in Burst Mode
XPP0
Period
Value
XPT0
Count
Value
Channel 0
XPP1
XPT1
Channel 0
Channel 1
Resulting
Output
XPOUT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com