Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 75Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 76Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 77Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 78Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 79Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 80Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 81Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 82Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 186 page
background image
ST10F280
79/186
12.3 - PORT1
The two 8-bit ports P1H and P1L represent the higher and lower part of PORT1, respectively. Both halves
of PORT1 can be written (e.g. via a PEC transfer) without effecting the other half.
If this port is used for general purpose I/O, the direction of each line can be configured via the correspond-
ing direction registers DP1H and DP1L.
P1L (FF04h / 82h)
SFR
Reset Value: - - 00h
P1H (FF06h / 83h)
SFR
Reset Value: - - 00h
DP1L (F104h / 82h)
ESFR
Reset Value: - - 00h
DP1H (F106h / 83h)
ESFR
Reset Value: - - 00h
12.3.1 - Alternate Functions of PORT1
When a de-multiplexed external bus is enabled,
PORT1 is used as address bus.
Note that de-multiplexed bus modes use PORT1
as a 16-bit port. Otherwise all 16 port lines can be
used for general purpose I/O.
The upper four pins of PORT1 (P1H.7...P1H.4)
also
serve
as
capture
input
lines
for
the
CAPCOM2 unit (CC27IO...CC24IO).
As all other capture inputs, the capture input func-
tion of pins P1H.7...P1H.4 can also be used as
external interrupt inputs (200 ns sample rate at
40MHz CPU clock).
During external accesses in de-multiplexed bus
modes PORT1 outputs the 16-bit intra-segment
address as an alternate output function.
During external accesses in multiplexed bus
modes, when no BUSCON register selects a
de-multiplexed bus mode, PORT1 is not used and is
available for general purpose I/O (see Figure 31).
When an external bus mode is enabled, the direc-
tion of the port pin and the loading of data into the
port output latch are controlled by the bus control-
ler hardware. The input of the port output latch is
disconnected from the
internal
bus
and
is
switched to the line labeled “Alternate Data Out-
put” via a multiplexer. The alternate data is the
16-bit intra-segment address.
15
14
13
12
11
10
9876543210
--------
P1L.7 P1L.6 P1L.5 P1L.4 P1L.3 P1L.2 P1L.1 P1L.0
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
--------
P1H.7 P1H.6 P1H.5 P1H.4 P1L.3 P1H.2 P1H.1 P1H.0
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
P1X.y
Port data register P1H or P1L bit y
15
14
13
12
11
10
9
8
76543210
-----
---
DP1L.7 DP1L.6 DP1L.5 DP1L.4 DP1L.3 DP1L.2 DP1L.1 DP1L.0
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9
8
76543210
-----
---
DP1H.7 DP1H.6DP1H.5DP1H.4DP1H.3DP1H.2 DP1H.1 DP1H.0
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
DP1X.y
Port direction register DP1H or DP1L bit y
DP1X.y = 0: Port line P1X.y is an input (high-impedance)
DP1X.y = 1: Port line P1X.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com