Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 95Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 96Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 97Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 98Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 99Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 100Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 101Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 102Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 186 page
background image
ST10F280
99/186
12.10 - Port 8
If this 8-bit port is used for general purpose I/O, the direction of each line can be configured via the corre-
sponding direction register DP8. Each port line can be switched into push/pull or open drain mode via the
open drain control register ODP8.
P8 (FFD4h / EAh)
SFR
Reset Value: - - 00h
DP8 (FFD6h / EBh)
SFR
Reset Value: - - 00h
ODP8 (F1D6h / EBh)
ESFR
Reset Value: - - 00h
12.10.1 - Alternate Functions of Port 8
The 8 lines of Port 8 (P8.7...P8.0) serve as capture inputs or compare outputs (CC23IO...CC16IO) for the
CAPCOM2 unit.
The usage of the port lines by the CAPCOM unit, its accessibility via software and the precautions are the
same as described for the Port 2 lines.
As all other capture inputs, the capture input function of pins P8.7...P8.0 can also be used as external
interrupt inputs (200 ns sample rate at 40MHz CPU clock).
The Table 20 summarizes the alternate functions of Port 8.
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
P8.7
P8.6
P8.5
P8.4
P8.3
P8.2
P8.1
P8.0
RW
RW
RW
RW
RW
RW
RW
RW
P8.y
Port data register P8 bit y
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
DP8.7 DP8.6 DP8.5 DP8.4 DP8.3 DP8.2 DP8.1 DP8.0
RW
RW
RW
RW
RW
RW
RW
RW
DP8.y
Port direction register DP8 bit y
DP8.y = 0: Port line P8.y is an input (high impedance)
DP8.y = 1: Port line P8.y is an output
15
14
13
12
11
10
9
8
76543210
-
-------
ODP8.7 ODP8.6 ODP8.5 ODP8.4 ODP8.3 ODP8.2 ODP8.1 ODP8.0
RW
RW
RW
RW
RW
RW
RW
RW
ODP8.y
Port 8 Open Drain control register bit y
ODP8.y = 0: Port line P8.y output driver in push-pull mode
ODP8.y = 1: Port line P8.y output driver in open drain mode
Table 20 : Port 8 Alternate Functions
Port 7
Alternate Function
P8.0
P8.1
P8.2
P8.3
P8.4
P8.5
P8.6
P8.7
CC16IO
Capture input / compare output channel 16
CC17IO
Capture input / compare output channel 17
CC18IO
Capture input / compare output channel 18
CC19IO
Capture input / compare output channel 19
CC20IO
Capture input / compare output channel 20
CC21IO
Capture input / compare output channel 21
CC22IO
Capture input / compare output channel 22
CC23IO
Capture input / compare output channel 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com