Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 97Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 98Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 99Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 100Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 101Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 102Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 103Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 104Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 186 page
background image
ST10F280
101/186
12.11 - XPort 9
The XPort9 is enabled by setting XPEN bit 2 of the SYSCON register and XPORT9EN bit 3 of the new
XPERCON register. On the XBUS interface, the register are not bit-addressable
This 16-bit port is used for general purpose I/O, the direction of each line can be configured via the corre-
sponding direction register XDP9. Each port line can be switched into push/pull or open drain mode via
the open drain control register XODP9.
All port lines can be individually (bit-wise) programmed. The “bit-addressable” feature is available via spe-
cific “Set” and “Clear” registers: XP9SET, XP9CLR, XDP9SET, XDP9CLR, XODP9SET, XODP9CLR.
XP9 (C100h)
Reset Value: 0000h
XP9SET (C102h)
Reset Value: 0000h
XP9CLR (C104h)
Reset Value: 0000h
XDP9 (C200h)
Reset Value: 0000h
15
14
13
12
11
10
987654321
0
XP9.15 XP9.14 XP9.13 XP9.12 XP9.11 XP9.10
XP9.9
XP9.8
XP9.7
XP9.6
XP9.5
XP9.4
XP9.3
XP9.2
XP9.1
XP9.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
XP9.y
Port data register XP9 bit y
15
14
13
12
11
10
98
7654
3210
XP9SET
.15
XP9SET
.14
XP9SET
.13
XP9SET
.12
XP9SET
.11
XP9SET
.10
XP9SET
.9
XP9SET
.8
XP9SET
.7
XP9SET
.6
XP9SET
.5
XP9SET
.4
XP9SET
.3
XP9SET
.2
XP9SET
.1
XP9SET
.0
WWWW
WWWW
WWWW
WWWW
Bit
Function
XP9SET.y
Writing a ‘1’ will set the corresponding bit in XP9 register, Writing a ‘0’ has no effect.
15
14
13
12
11
10
98
7654
3210
XP9CLR
.15
XP9CLR
.14
XP9CLR
.13
XP9CLR
.12
XP9CLR
.11
XP9CLR
.10
XP9CLR
.9
XP9CLR
.8
XP9CLR
.7
XP9CLR
.6
XP9CLR
.5
XP9CLR
.4
XP9CLR
.3
XP9CLR
.2
XP9CLR
.1
XP9CLR
.0
WWWW
WWWW
WWWW
WWWW
Bit
Function
XP9CLR.y
Writing a ‘1’ will clear the corresponding bit in XP9 register, Writing a ‘0’ has no effect.
15
14
13
12
11
10
98
7654
3210
XDP9
.15
XDP9
.14
XDP9
.13
XDP9
.12
XDP9
.11
XDP9
.10
XDP9
.9
XDP9
.8
XDP9
.7
XDP9
.6
XDP9
.5
XDP9
.4
XDP9
.3
XDP9
.2
XDP9
.1
XDP9
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
XDP9.y
Port direction register XDP9 bit y
XDP9.y = 0: Port line XP9.y is an input (high-impedance)
XDP9.y = 1: Port lineX P9.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com