Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 72Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 73Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 74Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 75Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 76Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 77Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 78Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 79Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 186 page
background image
ST10F280
76/186
On most of the port lines, the user software is responsible for setting the proper direction when using an
alternate input or output function of a pin. This is done by setting or clearing the direction control bit DPx.y
of the pin before enabling the alternate function. There are port lines, however, where the direction of the
port line is switched automatically. For instance, in the multiplexed external bus modes of PORT0, the
direction must be switched several times for an instruction fetch in order to output the addresses and to
input the data. Obviously, this cannot be done through instructions. In these cases, the direction of the
port line is switched automatically by hardware if the alternate function of such a pin is enabled.
To determine the appropriate level of the port output latches check how the alternate data output is com-
bined with the respective port latch output.
There is one basic structure for all port lines with only an alternate input function. Port lines with only an
alternate output function, however, have different structures due to the way the direction of the pin is
switched and depending on whether the pin is accessible by the user software or not in the alternate func-
tion mode.
All port lines that are not used for these alternate functions may be used as general purpose I/O lines.
When using port pins for general purpose output, the initial output value should be written to the port latch
prior to enabling the output drivers, in order to avoid undesired transitions on the output pins. This applies
to single pins as well as to pin groups (see examples below).
SINGLE_BIT: BSET
P4.7
; Initial output level is "high"
BSET
DP4.7
; Switch on the output driver
BIT_GROUP:
BFLDH
P4, #24H, #24H
; Initial output level is "high"
BFLDH
DP4, #24H, #24H
; Switch on the output drivers
Note: When using several BSET pairs to control more pins of one port, these pairs must be separated by
instructions, which do not reference the respective port (see “Particular Pipeline Effects” in Chap-
ter 6 - Central Processing Unit (CPU)).
12.2 - PORT0
The two 8-bit ports P0H and P0L represent the higher and lower part of PORT0, respectively. Both halves
of PORT0 can be written (e.g. via a PEC transfer) without effecting the other half.
If this port is used for general purpose I/O, the direction of each line can be configured via the correspond-
ing direction registers DP0H and DP0L.
P0L (FF00h / 80h)
SFR
Reset Value: - - 00h
P0H (FF02h / 81h)
SFR
Reset Value: - - 00h
DP0L (F100h / 80h)
ESFR
Reset Value: - - 00h
15
14
13
12
11
10
9876543210
--------
P0L.7 P0L.6 P0L.5 P0L.4 P0L.3 P0L.2 P0L.1 P0L.0
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
--------
P0H.7 P0H.6 P0H.5 P0H.4 P0H.3 P0H.2 P0H.1 P0H.0
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
P0X.y
Port data register P0H or P0L bit y
15
14
13
12
11
10
9
8
76
543
21
0
-
-
-
-
-
-
-
-
DP0L.7 DP0L.6 DP0L.5 DP0L.4 DP0L.3 DP0L.2 DP0L.1 DP0L.0
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com