Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 84Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 85Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 86Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 87Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 88Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 89Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 90Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 91Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 186 page
background image
ST10F280
88/186
DP4 (FFCAh / E5h)
SFR
Reset Value: - - 00h
For CAN configuration support (see Chapter 15 - CAN Modules), Port 4 has a new open drain function,
controlled with the new ODP4 register:
ODP4 (F1CAh / E5h)
SFR
Reset Value: - - 00h
Note: Only bits 6 and 7 are implemented, all other
bits will be read as “0”.
12.6.1 - Alternate Functions of Port 4
During external bus cycles that use segmentation
(i.e. an address space above 64K Bytes) a num-
ber of Port 4 pins may output the segment
address lines. The number of pins used for seg-
ment address output determines the directly
accessible external address space.
The other pins of Port 4 may be used for general
purpose I/O. If segment address lines are
selected, the alternate function of Port 4 may be
necessary to access e.g. external memory directly
after reset. For this reason Port 4 will be switched
to this alternate function automatically.
The number of segment address lines is selected
via PORT0 during reset. The selected value can
be read from bitfield SALSEL in register RP0H
(read only) to check the configuration during run
time.
Devices with CAN interfaces use 2 pins of Port 4
to interface each CAN Module to an external CAN
transceiver. In this case the number of possible
segment address lines is reduced.
The table below summarizes the alternate func-
tions of Port 4 depending on the number of
selected segment address lines (coded via bitfield
SALSEL)..
15
14
13
12
11
10
9876543210
--------
DP4.7 DP4.6 DP4.5 DP4.4 DP4.3 DP4.2 DP4.1 DP4.0
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
DP4.y
Port direction register DP4 bit y
DP4.y = 0: Port line P4.y is an input (high-impedance)
DP4.y = 1: Port line P4.y is an output
15
14
13
12
11
10
9876543210
--------
ODP4.
7
ODP4.
6
------
RW
RW
Bit
Function
ODP4.y
Port 4 Open drain control register bit y
ODP4.y = 0: Port line P4.y output driver in push/pull mode
ODP4.y = 1: Port line P4.y output driver in open drain mode if P4.y is not a segment address line output
Port 4 Pin
Std. Function
SALSEL=01 64 KB
Altern. Function
SALSEL=11 256KB
Altern. Function
SALSEL=00 1MB
Altern. Function
SALSEL=10 16MB
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
GPIO
GPIO
GPIO
GPIO
GPIO/CAN2_RxD
GPIO/CAN1_RxD
GPIO/CAN1_TxD
GPIO/CAN2_TxD
Seg. Address A16
Seg. Address A17
GPIO
GPIO
GPIO/CAN2_RxD
GPIO/CAN1_RxD
GPIO/CAN1_TxD
GPIO/CAN2_TxD
Seg. Address A16
Seg. Address A17
Seg. Address A18
Seg. Address A19
GPIO/CAN2_RxD
GPIO/CAN1_RxD
GPIO/CAN1_TxD
GPIO/CAN2_TxD
Seg. Address A16
Seg. Address A17
Seg. Address A18
Seg. Address A19
Seg. Address A20
Seg. Address A21
Seg. Address A22
Seg. Address A23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com