Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 92Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 93Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 94Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 95Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 96Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 97Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 98Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 99Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 186 page
background image
ST10F280
96/186
P7 (FFD0h / E8h)
SFR
Reset Value: - - 00h
DP7 (FFD2h / E9h)
SFR
Reset Value: - - 00h
ODP7 (F1D2h / E9h)
ESFR
Reset Value: - - 00h
12.9.1 - Alternate Functions of Port 7
The upper 4 lines of Port 7 (P7.7...P7.4) serve as
capture
inputs
or
compare
outputs
(CC31IO...CC28IO) for the CAPCOM2 unit.
The usage of the port lines by the CAPCOM unit,
its accessibility via software and the precautions
are the same as described for the Port 2 lines.
As all other capture inputs, the capture input func-
tion of pins P7.7...P7.4 can also be used as exter-
nal interrupt inputs (200 ns sample rate at 40MHz
CPU clock).
The lower 4 lines of Port 7 (P7.3...P7.0) serve as
outputs
from
the
PWM
module
(POUT3...POUT0). At these pins the value of the
respective port output latch is XORed with the
value of the PWM output rather than ANDed, as
the other pins do. This allows to use the alternate
output value either as it is (port latch holds a ‘0’) or
invert its level at the pin (port latch holds a ‘1’).
Note that the PWM outputs must be enabled via
the respective PENx bits in PWMCON1.
The table below summarizes the alternate func-
tions of Port 7.
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
P7.7
P7.6
P7.5
P7.4
P7.3
P7.2
P7.1
P7.0
RW
RW
RW
RW
RW
RW
RW
RW
P7.y
Port data register P7 bit y
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
DP7.7 DP7.6 DP7.5 DP7.4 DP7.3 DP7.2 DP7.1 DP7.0
RW
RW
RW
RW
RW
RW
RW
RW
DP7.y
Port direction register DP7 bit y
DP7.y = 0: Port line P7.y is an input (high impedance)
DP7.y = 1: Port line P7.y is an output
15
14
13
12
11
10
9
8
76543
210
-----
---
ODP7.7 ODP7.6 ODP7.5 ODP7.4 ODP7.3 ODP7.2 ODP7.1 ODP7.0
RW
RW
RW
RW
RW
RW
RW
RW
ODP7.y
Port 7 Open Drain control register bit y
ODP7.y = 0: Port line P7.y output driver in push-pull mode
ODP7.y = 1: Port line P7.y output driver in open drain mode
Table 19 : Port 7 Alternate Functions
Port 7 Pin
Alternate Function
P7.0
P7.1
P7.2
P7.3
P7.4
P7.5
P7.6
P7.7
POUT0
PWM mode channel 0 output
POUT1
PWM mode channel 1 output
POUT2
PWM mode channel 2 output
POUT3
PWM mode channel 3 output
CC28IO
Capture input / compare output channel 28
CC29IO
Capture input / compare output channel 29
CC30IO
Capture input / compare output channel 30
CC31IO
Capture input / compare output channel 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com