Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 68Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 69Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 70Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 71Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 72Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 73Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 74Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 75Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 186 page
background image
ST10F280
72/186
Figure 26 : XBUS Registers Associated with the Parallel Ports
12.1 - Introduction
12.1.1 - Open Drain Mode
In the ST10F280 some ports provide Open Drain
Control. This make is possible to switch the output
driver of a port pin from a push/pull configuration
to an open drain configuration. In push/pull mode
a port output driver has an upper and a lower tran-
sistor, thus it can actively drive the line either to a
high or a low level. In open drain mode the upper
transistor is always switched off, and the output
driver can only actively drive the line to a low level.
When writing a ‘1’ to the port latch, the lower tran-
sistor is switched off and the output enters a
high-impedance state. The high level must then
be provided by an external pull-up device. With
this feature, it is possible to connect several port
pins together to a Wired-AND configuration, sav-
ing external glue logic and/or additional software
overhead for enabling/disabling output signals.
This feature is implemented for ports P2, P3, P4,
P6, P7 and P8 (see respective sections), and is
controlled through the respective Open Drain
Control Registers ODPx. These registers allow
the individual bit-wise selection of the open drain
mode for each port line. If the respective control
bit ODPx.y is ‘0’ (default after reset), the output
driver is in the push/pull mode. If ODPx.y is ‘1’, the
open drain configuration is selected. Note that all
ODPx registers are located in the ESFR space.
15
Y
14
Y
13
Y
12
Y
11
Y
10
Y
9
Y
8
Y
7
Y
6
Y
5
Y
4
Y
3
Y
2
Y
1
Y
0
Y
XP9
YYYY Y Y YY YYYYYYYY
XP9SET
YYYY Y Y YY YYYYYYYY
XP9CLR
YYYY Y Y YY YYYYYYYY
XP10
YYYY Y Y YY YYYYYYYY
XP10DIDIS
----
-
-
-- ------- Y
XADCMUX
15
Y
14
Y
13
Y
12
Y
11
Y
10
Y
9
Y
8
Y
7
Y
6
Y
5
Y
4
Y
3
Y
2
Y
1
Y
0
Y
XDP9
YYYY Y Y YYYYYYY YYY
XP9SET
YYYY Y Y YYYYYYY YYY
XP9CLR
15
Y
14
Y
13
Y
12
Y
11
Y
10
Y
9
Y
8
Y
7
Y
6
Y
5
Y
4
Y
3
Y
2
Y
1
Y
0
Y
XOP9
YYYY Y Y YYY YYYYYYY
XOP9SET
YYYY Y Y YYY YYYYYYY
XOP9CLR
Figure 27 : Output Drivers in Push/Pull Mode and in Open Drain Mode
Pin
Q
Push-Pull Output Driver
Q
Open Drain Output Driver
External
Pullup
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com