Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 98Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 99Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 100Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 101Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 102Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 103Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 104Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 105Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 186 page
background image
ST10F280
102/186
XDP9SET (C202h)
Reset Value: 0000h
XDP9CLR (C204h)
Reset Value: 0000h
XODP9 (C300h)
Reset Value: 0000h
XODP9SET (C302h)
Reset Value: 0000h
XODP9CLR (C304h)
Reset Value: 0000h
15
14
13
12
11
10
98765432
10
XDP9
SET.15
XDP9
SET.14
XDP9
SET.13
XDP9
SET.12
XDP9
SET.11
XDP9
SET.10
XDP9
SET.9
XDP9
SET.8
XDP9
SET.7
XDP9
SET.6
XDP9
SET.5
XDP9
SET.4
XDP9
SET.3
XDP9
SET.2
XDP9
SET.1
XDP9
SET.0
WWWWWW
WWWWWWWWW
W
Bit
Function
XDP9SET.y
Writing a ‘1’ will set the corresponding bit in XDP9 register, Writing a ‘0’ has no effect.
15
14
13
12
11
10
98765432
10
XDP9
CLR.15
XDP9
CLR.14
XDP9
CLR.13
XDP9
CLR.12
XDP9
CLR.11
XDP9
CLR.10
XDP9
CLR.9
XDP9
CLR.8
XDP9
CLR.7
XDP9
CLR.6
XDP9
CLR.5
XDP9
CLR.4
XDP9
CLR.3
XDP9
CLR.2
XDP9
CLR.1
XDP9
CLR.0
WWWWWW
WWWWWWWWW
W
Bit
Function
XDP9CLR.y
Writing a ‘1’ will clear the corresponding bit in XDP9 register, Writing a ‘0’ has no effect.
15
14
13
12
11
10
9876
5432
10
XODP9
.15
XODP9
.14
XODP9
.13
XODP9
.12
XODP9
.11
XODP9
.10
XODP9
.9
XODP9
.8
XODP9
.7
XODP9
.6
XODP9
.5
XODP9
.4
XODP9
.3
XODP
9.2
XODP9
.1
XODP9
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
XODP9.y
Port 9 Open Drain control register bit y
XODP9.y = 0: Port line XP9.y output driver in push/pull mode
XODP9.y = 1: Port line XP9.y output driver in open drain mode
15
14
13
12
11
10
9876
5432
10
XODP9
SET.15
XODP9
SET.14
XODP9
SET.13
XODP9
SET.12
XODP9
SET.11
XODP9
SET.10
XODP9
SET.9
XODP9
SET.8
XODP9
SET.7
XODP9
SET.6
XODP9
SET.5
XODP9
SET.4
XODP9
SET.3
XODP9
SET.2
XODP9
SET.1
XODP9
SET.0
WW
WWWW
WWWW
WWWW
WW
Bit
Function
XODP9SET.y
Writing a ‘1’ will set the corresponding bit in XODP9 register, Writing a ‘0’ has no effect.
15
14
13
12
11
10
987
654
3210
XODP9
CLR.15
XODP9
CLR.14
XODP9
CLR.13
XODP9
CLR.12
XODP9
CLR.11
XODP9
CLR.10
XODP9
CLR.9
XODP9
CLR.8
XODP9
CLR.7
XODP9
CLR.6
XODP9
CLR.5
XODP9
CLR.4
XODP9
CLR.3
XODP9
CLR.2
XODP9
CLR.1
XODP9
CLR.0
WW
WWWW
WWW
WWWW
WWW
Bit
Function
XODP9CLR.y
Writing a ‘1’ will clear the corresponding bit in XODP9 register, Writing a ‘0’ has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com